Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 16Page - STMicroelectronics L99PM72PXP Datasheet HTML 17Page - STMicroelectronics L99PM72PXP Datasheet HTML 18Page - STMicroelectronics L99PM72PXP Datasheet HTML 19Page - STMicroelectronics L99PM72PXP Datasheet HTML 20Page - STMicroelectronics L99PM72PXP Datasheet HTML 21Page - STMicroelectronics L99PM72PXP Datasheet HTML 22Page - STMicroelectronics L99PM72PXP Datasheet HTML 23Page - STMicroelectronics L99PM72PXP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
Detailed description
L99PM72PXP
20/128
Doc ID 023553 Rev 3
2.2.6
VBat_standby mode
The transition from Active Mode to VBat_standby mode is initiated by an SPI command.
In VBat_standby Mode, the V1 voltage regulator, relay outputs, LIN and CAN Transmitters are
switched off. High side Outputs and the V2 Regulator remain in the configuration
programmed prior to the standby command.
In VBat_standby mode the current consumption of the L99PM72PXP is reduced to a minimum
level.
An NReset pulse is generated upon wake-up from Vbat_standby Mode.
Note:
Inputs TXDL, TXDC and CSN must be terminated to GND in Vbat_standby to achieve
minimum standby current.
This can be achieved with the internal ESD protection diodes of the microcontroller
(microcontroller is not supplied in this mode; V1 is pulled to GND).
2.2.7
Wake up from Standby Modes
A wake-up from standby mode switches the device to active mode. This can be initiated by
one or more of the following events:
Vbat_standby
WUP or
WUP/WUF(2)
Yes
Wake_CAN
WUP/WUF
Not
applicable
TRX_STBY
CAN timeout
Transition to
TRX_SLEEP
CAN_TO
TRX_SLEEP
1.
SW_EN = 0:
— wake-up according ISO 11898-5 (WUP)
— Flags: Wake_CAN, WUP
SW_EN = 1:
— wake-up according ISO 11898-6 (WUP)
— Flags: Wake_CAN, WUP, WUF (the WUP flag is set only if the received WUF also contained a WUP)
2.
SW_EN = 0:
— wake-up according ISO 11898-5 (on WUP)
— Flags: Wake_CAN, WUP
SW_EN = 1:
— wake-up according ISO 11898-6 (on WUP/WUF combination)
— After the reception of a wake-up pattern (WUP) the CAN Enhanced Voltage Biasing is turned on until a
CAN timeout is detected
— Flags: Wake_CAN, WUP, WUF
Table 3.
CAN wake-up signalization (continued)
Operating
mode
Event
Wake-up
transition to
active
Status flag
Interrupt
Transceiver
state
Table 4.
Wake up from Standby Modes
Wake up source
Description
LIN bus activity
Can be disabled by SPI
CAN bus activity
Can be disabled by SPI
Selective Wake-up can be configured by SPI
Level change of WU1 - 3
Can be individually configured or disabled by SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com