Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 76 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 72Page - STMicroelectronics L99PM72PXP Datasheet HTML 73Page - STMicroelectronics L99PM72PXP Datasheet HTML 74Page - STMicroelectronics L99PM72PXP Datasheet HTML 75Page - STMicroelectronics L99PM72PXP Datasheet HTML 76Page - STMicroelectronics L99PM72PXP Datasheet HTML 77Page - STMicroelectronics L99PM72PXP Datasheet HTML 78Page - STMicroelectronics L99PM72PXP Datasheet HTML 79Page - STMicroelectronics L99PM72PXP Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 128 page
background image
ST SPI
L99PM72PXP
76/128
Doc ID 023553 Rev 3
6
ST SPI
6.1
SPI communication flow
6.1.1
General description
The SPI communication is based on a standard SPI interface structure using CSN (Chip
Select Not), SDI (Serial Data In), SDO (Serial Data Out/Error) and SCK (Serial Clock) signal
lines.
At device start-up the master reads the <SPI-frame-ID> register (ROM address 3EH) of the
slave device. This 8-bit register indicates the SPI frame length (24bit) and the availability of
additional features.
Each communication frame consists of an instruction byte which is followed by two data
bytes.
The data returned on SDO within the same frame always starts with the <Global Status>
register. It provides general status information about the device. It is followed by two data
bytes (i. e. ‘In-frame-response’).
For Write cycles the <Global Status> register is followed by the previous content of the
addressed register.
For Read cycles the <Global Status> register is followed by the content of the addressed
register.
A Write command is only accepted as a valid command by the device if the counted number
of clocks is exact 24, otherwise the command is rejected.
Command Byte
Each communication frame starts with a command byte. It consists of an operating code
which specifies the type of operation (<Write>, <Read>, <Read and Clear>, <Read Device
Information>) and a 6 bit address. If less than 6 address bits are required, the remaining bits
are unused but are reserved.
OCx: Operating Code
Ax: Address
Table 44.
Command Byte
MSB
LSB
Op Code
Address
OC1
OC0
A5
A4
A3
A2
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com