Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 49 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 45Page - STMicroelectronics L99PM72PXP Datasheet HTML 46Page - STMicroelectronics L99PM72PXP Datasheet HTML 47Page - STMicroelectronics L99PM72PXP Datasheet HTML 48Page - STMicroelectronics L99PM72PXP Datasheet HTML 49Page - STMicroelectronics L99PM72PXP Datasheet HTML 50Page - STMicroelectronics L99PM72PXP Datasheet HTML 51Page - STMicroelectronics L99PM72PXP Datasheet HTML 52Page - STMicroelectronics L99PM72PXP Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
L99PM72PXP
Electrical specifications
Doc ID 023553 Rev 3
49/128
5
Electrical specifications
5.1
Absolute maximum ratings
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may
cause an irreversible damage of the integrated circuit.
Loss of ground or ground shift with externally grounded loads: ESD structures are
configured for nominal currents only. If external loads are connected to different grounds, the
current load must be limited to this nominal current.
Table 9.
Absolute maximum ratings
Symbol
Parameter / Test condition
Value [DC Voltage]
Unit
VS
DC supply voltage / “jump start”
-0.3 to +28
V
Load dump
-0.3 to +40
V
V1
stabilized supply voltage, logic supply
-0.3 to
(V1 +0.3) V1 <VS
V
V2
stabilized supply voltage
-0.3 to +28
V
VDI, VCLK, VDO,
VRXDL, VNRESET,
VRXDC, VCSN
Logic input / output voltage range
-0.3 to V1 +0.3
V
VTXDC, VTXDL
Multi Level Inputs
-0.3 to VS +0.3
V
VREL1, VREL2
Low side output voltage range
-0.3 to +40
V
VOUT1..4, VOUT_HS High side output voltage range
-0.3 to VS +0.3
V
VWU1...3
Wake up input voltage range
-0.3 to VS +0.3
V
VOP1P, VOP1M,
VOP2P, VOP2M,
Opamp1 input voltage range
Opamp2 input voltage range
-0.3 to V1 +0.3
V
VOPOUT1,
VOPOUT2
Analog output voltage range
-0.3 to VS +0.3
V
VLIN, VLINPU
LIN bus I/O voltage range
-20 to +40
V
IInput
Current injection into VS related input pins
20
mA
Iout_inj
Current injection into VS related outputs
20
mA
VCANSUP
CAN supply
-0.3 to +5.25
V
VCANH,VCANL
CAN bus I/O voltage range
-27 to +40
V
VPin6
Not connected
-0.3 to VS +0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com