Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 102 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 102 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 98Page - STMicroelectronics L99PM72PXP Datasheet HTML 99Page - STMicroelectronics L99PM72PXP Datasheet HTML 100Page - STMicroelectronics L99PM72PXP Datasheet HTML 101Page - STMicroelectronics L99PM72PXP Datasheet HTML 102Page - STMicroelectronics L99PM72PXP Datasheet HTML 103Page - STMicroelectronics L99PM72PXP Datasheet HTML 104Page - STMicroelectronics L99PM72PXP Datasheet HTML 105Page - STMicroelectronics L99PM72PXP Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 128 page
background image
ST SPI
L99PM72PXP
102/128
Doc ID 023553 Rev 3
6.2.8
Control Register 6
Table 92.
Control register 6: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
0
1
1
0
Data, 8bit
Data, 8 bit
Table 93.
Control register 6, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
0
11111
11000
0000
0
Function
Group
PWM4 setting
PWM3 setting
Table 94.
Control register 6, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
PWM4_
OFF_DC_6
PWM4 duty cycle
13
PWM4_
OFF_DC_5
PWM4
OFF_
DC_6
PWM4
OFF_
DC_5
PWM4
OFF_
DC_4
PWM4
OFF_
DC_3
PWM4
OFF_
DC_2
PWM4
OFF_
DC_1
PWM4
OFF_
DC_0
PWM4 duty
cycle
12
PWM4_
OFF_DC_4
11
11
11
1
0%, HS OFF
11
PWM4_
OFF_DC_3
...
10
PWM4_
OFF_DC_2
00
00
01
0
98.5%
9
PWM4_
OFF_DC_1
00
00
00
1
99.25%
8
PWM4_
OFF_DC_0
00
00
00
0
100% HS ON
7
Reserved
Must be kept at default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com