Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 105 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 101Page - STMicroelectronics L99PM72PXP Datasheet HTML 102Page - STMicroelectronics L99PM72PXP Datasheet HTML 103Page - STMicroelectronics L99PM72PXP Datasheet HTML 104Page - STMicroelectronics L99PM72PXP Datasheet HTML 105Page - STMicroelectronics L99PM72PXP Datasheet HTML 106Page - STMicroelectronics L99PM72PXP Datasheet HTML 107Page - STMicroelectronics L99PM72PXP Datasheet HTML 108Page - STMicroelectronics L99PM72PXP Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
105/128
6.2.10
Control Register 8
Table 98.
Control register 8: command and data bytes
Command byte
1st data byte
2nd data byte
Read/write
Address
x
x
0
0
1
0
0
0
Data, 8 bit
Data, 8 bit
Table 99.
Control register 8, data bytes
1st data byte <15:8>
2nd data byte <7:0>
Defaults
00
00
0000
00000
000
Function
Reserved
Group
Selective Wakeup Settings
Table 100.
Control register 8, bits
Bit
Name
Comment
15
Reserved
Must be kept at default
14
Reserved
13
Reserved
12
ID_10
Standard CAN Identifier
Definition of which Standard CAN Identifier will wake up
11
ID_9
10
ID_8
9ID_7
8ID_6
7ID_5
6ID_4
5ID_3
4ID_2
3ID_1
2ID_0
1
EXT_ID_17 Extended CAN Identifier
Definition of which Extended CAN Identifier will wake up
To run matching on Extended CAN Identifier also CAN IDE (Control Register 9
must be set)
0EXT_ID_16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com