Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM72PXP Datasheet(PDF) 103 Page - STMicroelectronics

Part # L99PM72PXP
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXP Datasheet(HTML) 103 Page - STMicroelectronics

Back Button L99PM72PXP Datasheet HTML 99Page - STMicroelectronics L99PM72PXP Datasheet HTML 100Page - STMicroelectronics L99PM72PXP Datasheet HTML 101Page - STMicroelectronics L99PM72PXP Datasheet HTML 102Page - STMicroelectronics L99PM72PXP Datasheet HTML 103Page - STMicroelectronics L99PM72PXP Datasheet HTML 104Page - STMicroelectronics L99PM72PXP Datasheet HTML 105Page - STMicroelectronics L99PM72PXP Datasheet HTML 106Page - STMicroelectronics L99PM72PXP Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
103/128
6
PWM3_
ON_DC_6
PWM3 duty cycle
5
PWM3_
ON_DC_5
PWM3
ON_
DC_6
PWM3
ON_
DC_5
PWM3
ON_
DC_4
PWM3
ON_
DC_3
PWM3
ON_
DC_2
PWM3
ON_
DC_1
PWM3
ON_
DC_0
PWM3 duty
cycle
4
PWM3_
ON_DC_4
11
11
11
1
100%, HS ON
3
PWM3_
ON_DC_3
...
2
PWM3_
ON_DC_2
00
00
01
0
1.5%
1
PWM3_
ON_DC_1
00
00
00
1
0.75%
0
PWM3_
ON_DC_0
00
00
00
0
0% HS OFF
Table 94.
Control register 6, bits (continued)
Bit
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com