Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 115 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 115 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 111Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 112Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 113Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 114Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 115Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 116Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 117Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 118Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 119Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
115
Rev. A3
10/02/2025
8.32 READ PRODUCT IDENTIFICATION (RDID, ABh)
The Release from Power-down/Read Device ID instruction is a multi-purpose instruction. It can support both SPI
and QPI modes. The Read Product Identification (RDID) instruction is for reading out the old style of 8-bit Electronic
Signature, whose values are shown as the table of Product Identification.
The RDID instruction code is followed by three dummy bytes, each bit being latched-in on SI during the rising SCK
edge. Then the Device ID is shifted out on SO with the MSB first, each bit been shifted out during the falling edge
of SCK. The RDID instruction is ended by driving CE# high. The Device ID (ID7-ID0) outputs repeatedly if additional
clock cycles are continuously sent to SCK while CE# is at low.
Table 8.8 Product Identification
Manufacturer ID
(MF7-MF0)
ISSI Serial Flash
9Dh
Instruction
ABh
90h
9Fh
Part Number
Device ID (ID7-ID0)
Memory Type + Capacity
(ID15-ID0)
IS25LE01GG
1Ah
6021h
IS25WE01GG
1Ah
7021h
Figure 8.70 Read Product Identification Sequence
Device ID
(ID7-ID0)
Data Out
32
33
...
39
Instruction = ABh
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
Mode 3
Mode 0
3 Dummy Bytes
tV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com