Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 117 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 117 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 113Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 114Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 115Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 116Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 117Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 118Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 119Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 120Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 121Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
117
Rev. A3
10/02/2025
8.33 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh; RDJDIDQ, AFh)
The JEDEC ID READ instruction allows the user to read the manufacturer and product ID of devices. Refer to Table
8.8 Product Identification for Manufacturer ID and Device ID. After the JEDEC ID READ command (9Fh in SPI
mode, AFh in QPI mode) is input, the Manufacturer ID is shifted out MSB first followed by the 2-byte electronic ID
(ID15-ID0) that indicates Memory Type and Capacity, one bit at a time. Each bit is shifted out during the falling
edge of SCK. If CE# stays low after the last bit of the 2-byte electronic ID, the Manufacturer ID and 2-byte electronic
ID will loop until CE# is pulled high.
Figure 8.72 Read Product Identification by JEDEC ID Read Sequence in SPI mode
Instruction = 9Fh
Memory Type
(ID15-ID8)
CE#
SCK
SI
Capacity
(ID7-ID0)
SO
0
1
...
7
8
9
...
15
16
17
...
23
24
25
...
31
Mode 3
Mode 0
Manufacturer ID
(MF7-MF0)
tV
Figure 8.73 RDJDID and RDJDIDQ (Read JEDEC ID) Sequence In QPI Mode
9Fh/AFh
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
7:4
3:0
4
5
7:4
3:0
6
7
7:4
3:0
MF7-MF0
ID15-ID8
ID7-ID0
tV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com