Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 118 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 118 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 114Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 115Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 116Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 117Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 118Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 119Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 120Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 121Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 122Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
118
Rev. A3
10/02/2025
8.34 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h)
The Read Device Manufacturer and Device ID (RDMDID) instruction allows the user to read the Manufacturer and
product ID of devices. Refer to Table 8.8 Product Identification for Manufacturer ID and Device ID. The RDMDID
instruction code is followed by two dummy bytes and one byte address (A7~A0), each bit being latched-in on SI
during the rising edge of SCK. If one byte address is initially set as A0 = 0, then the Manufacturer ID is shifted out
on SO with the MSB first followed by the device ID (ID7- ID0). Each bit is shifted out during the falling edge of SCK.
If one byte address is initially set as A0 = 1, then Device ID7-ID0 will be read first followed by the Manufacturer ID.
The Manufacturer and Device ID can be read continuously alternating between the two until CE# is driven high.
Figure 8.74 Read Product Identification by RDMDID Sequence In SPI Mode (A0=0)
Instruction = 90h
Manufacturer ID
(MF7-MF0)
CE #
SCK
SI
Device ID
(ID7-ID0)
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3-byte Address
tV
Notes:
1. ADDRESS A0 = 0, will output the 1-byte Manufacturer ID (MF7-MF0)
→ 1-byte Device ID (ID7-ID0)
ADDRESS A0 = 1, will output the 1-byte Device ID (ID7-ID0)
→ 1-byte Manufacturer ID (MF7-MF0)
2. The Manufacturer and Device ID can be read continuously and will alternate from one to the other until CE# pin is
pulled high.
Figure 8.75 Read Product Identification by RDMDID Sequence In QPI Mode (A0=0)
90h
CE#
SCK
IO[3:0]
3-byte Address
0
1
2
3
4
5
6
7
8
9
10
11
Mode 3
Mode 0
23:20
7:4
3:0
7:4
3:0
19:16 15:12 11:8
7:4
3:0
tV
Instruction
Manufacturer
ID (MF7-MF0)
Device ID
(ID7-ID0)
Notes:
1. ADDRESS A0 = 0, will output the 1-byte Manufacturer ID (MF7-MF0) → 1-byte Device ID (ID7-ID0)
ADDRESS A0 = 1, will output the 1-byte Device ID (ID7-ID0) → 1-byte Manufacturer ID (MF7-MF0)
2.
The Manufacturer and Device ID can be read continuously and will alternate from one to the other until CE# pin is
pulled high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com