Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 122 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 122 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 118Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 119Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 120Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 121Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 122Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 123Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 124Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 125Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 126Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
122
Rev. A3
10/02/2025
Figure 8.79 Software Reset Enable and Software Reset Sequence In QPI Mode (RSTEN, 66h + RST, 99h)
66h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
99h
0
1
8.39 SECURITY INFORMATION ROW
The security Information Row is comprised of an additional 4 x 512 bytes of programmable information. The security
bits can be reprogrammed by the user. Any program security instruction issued while an erase, program or write
cycle is in progress is rejected without having any effect on the cycle that is in progress.
Table 8.10 Information Row Valid Address Range
Address Assignment
A[23:17]
A[16:9]
A[8:0]
IRL0 (Information Row Lock0)
00h
00h
Byte address
IRL1
00h
08h
Byte address
IRL2
00h
10h
Byte address
IRL3
00h
18h
Byte address
Bit 7~4 of the Function Register is used to permanently lock the programmable memory array.
When Function Register bit IRLx = “0”, the 512 bytes of the programmable memory array can be programmed.
When Function Register bit IRLx = “1”, the 512 bytes of the programmable memory array function as read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com