Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 124 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 124 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 120Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 121Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 122Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 123Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 124Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 125Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 126Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 127Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 128Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
124
Rev. A3
10/02/2025
8.41 INFORMATION ROW PROGRAM OPERATION (IRP, 62h)
The Information Row Program (IRP) instruction allows up to 256 bytes of data to be programmed into the memory
in a single operation. Before the execution of IRP instruction, the Write Enable Latch (WEL) must be enabled
through a Write Enable (WREN) instruction.
The IRP instruction code, three address bytes and program data (1 to 256 bytes) should be sequentially input.
Three address bytes has to be input as specified in the Table 8.10 Information Row Valid Address Range. Program
operation will start once the CE# goes high, otherwise the IRP instruction will not be executed. The internal control
logic automatically handles the programming voltages and timing. The progress or completion of the program
operation can be determined by reading the WIP bit. If the WIP bit is “1”, the program operation is still in progress.
If WIP bit is “0”, the program operation has completed.
If more than 256 bytes data are sent to a device, the address counter rolls over within the same page. The
previously latched data are discarded and the last 256 bytes data are kept to be programmed into the page. The
starting byte can be anywhere within the page. When the end of the page is reached, the address will wrap around
to the beginning of the same page. If the data to be programmed are less than a full page, the data of all other
bytes on the same page will remain unchanged.
Note: A program operation can alter “1”s into “0”s, but an erase operation is required to change “0”s back to “1”s. A
byte cannot be reprogrammed without first erasing the corresponding Information Row array which is one of
IR0~3. When ECC is ON, ECC protection applied on each 128-bit boundary, so the device only allows a single
programming operation to each 16-byte boundary between erase operations. Incremental programming is not
allowed and ignored.
Figure 8.81 IRP (Information Row Program) Sequence
Instruction = 62h
23
CE #
SCK
SI
7
6
SO
7
3-byte Address
High Impedance
22
...
0
Data In 1
Data In 256
0
1
...
7
8
9
...
31
32
33
...
39
...
...
Mode 3
Mode 0
...
0
...
...
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com