Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 123 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 123 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 119Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 120Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 121Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 122Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 123Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 124Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 125Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 126Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 127Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
123
Rev. A3
10/02/2025
8.40 INFORMATION ROW ERASE OPERATION (IRER, 64h)
Information Row Erase (IRER) instruction erases the data in the Information Row x (x: 0~3) array. Prior to the
operation, the Write Enable Latch (WEL) must be set via a Write Enable (WREN) instruction. The WEL bit is
automatically reset after the completion of the operation.
The sequence of IRER operation: Pull CE# low to select the device → Send IRER instruction code → Send three
address bytes → Pull CE# high. CE# should remain low during the entire instruction sequence. Once CE# is pulled
high, Erase operation will begin immediately. The internal control logic automatically handles the erase voltage and
timing.
Figure 8.80 IRER (Information Row Erase) Sequence
Instruction = 64h
23
CE#
SCK
SI
3
2
SO
1
0
3-byte Address
High Impedance
22
21
...
0
1
2
3
4
5
6
7
8
9
10
...
28
29
30
31
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com