Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 120 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 120 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 116Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 117Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 118Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 119Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 120Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 121Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 122Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 123Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 124Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
120
Rev. A3
10/02/2025
8.36 READ SFDP OPERATION (RDSFDP, 5Ah)
The Serial Flash Discoverable Parameters (SFDP) standard provides a consistent method of describing the
functions and features of serial Flash devices in a standard set of internal parameter tables. These parameters can
be interrogated by host system software to enable adjustments needed to accommodate divergent features from
multiple vendors. For more details please refer to the JEDEC Standard JESD216 (Serial Flash Discoverable
Parameters).
The sequence of issuing RDSFDP instruction in SPI mode is:
CE# goes low → Send RDSFDP instruction (5Ah) → Send 3 address bytes on SI pin → 8 dummy cycles on SI pin
→
Read SFDP code on SO → End RDSFDP operation by driving CE# high at any time during data out. Refer to
ISSI’s Application note for SFDP table. The data at the addresses that are not specified in SFDP table are
undefined.
RDSFDP Sequence in QPI mode, has 8 dummy cycles before SFDP code, too.
Figure 8.77 RDSFDP (Read SFDP) Sequence
Instruction = 5Ah
Dummy Cycles
CE#
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
Data Out
tV
...
8.37 NO OPERATION (NOP, 00h)
The No Operation command solely cancels a Reset Enable command and has no impact on any other commands.
It is available in both SPI and QPI modes. To execute a NOP, the host drives CE# low, sends the NOP command
cycle (00h), then drives CE# high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com