Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 164 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 164 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 160Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 164Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 166Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 167Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 168Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
164
Rev. A3
10/02/2025
8.62 UNLOCK PASSWORD OPERATION (UNPWD, E9h)
The UNPWD command is entered by driving CE# low, followed by the instruction code and the password data
bytes, least significant byte first, most significant bit of each byte first. The password is 64bits in length.
CE# must be driven high after the 64th bit of data has been latched. If not, the UNPWD command is not executed.
As soon as CE# is driven high, the UNPWD operation is initiated. While the UNPWD operation is in progress, the
Status Register or Extended Read Register may be read to check the value of the Write In Progress (WIP) bit. The
WIP bit is “1” during the UNPWD operation, and is “0” when it is completed.
If the UNPWD command supplied password does not match the hidden password in the Password Register, the
UNPWD command is ignored. This returns the device to standby state, ready for a new command such as a retry
of the UNPWD command. If the password does match, the PPB Lock bit is set to “1”.
Figure 8.139 Unlock Password Sequence In SPI Mode
Instruction = E9h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
15
16
17
...
23
...
64
65
...
Mode 3
Mode 0
7
15
14
8
6
...
0
63
62
56
...
...
...
71
1st byte Data In
2nd byte Data In
...
8th byte Data In
High Impedence
Figure 8.140 Unlock Password Sequence In QPI Mode
E9h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
1st byte
Data In
2nd byte
Data In
...
8th byte
Data In
...
16
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com