Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 166 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 166 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 164Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 166Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 167Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 168Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 169Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 170Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
166
Rev. A3
10/02/2025
8.64 READ PASSWORD OPERATION (RDPWD, E7h)
The correct password value may be read only after it is programmed and before the Password Mode has been
selected by programming the Password Protection Mode bit to “0” in the ASP Register (ASP[2]). After the Password
Protection Mode is selected the RDPWD command is ignored.
The RDPWD command is shifted in. Then the 64-bit Password is shifted out, least significant byte first, most
significant bit of each byte first. Each bit is shifted out at the SCK frequency by the falling edge of the SCK signal.
It is possible to read the Password continuously by providing multiples of 64bits.
Figure 8.143 Read password Sequence In SPI Mode
Instruction = E7h
CE #
SCK
SI
SO
0
1
...
7
8
9
...
15
16
17
...
23
...
64
65
...
Mode 3
Mode 0
tV
7
15
14
8
6
...
0
63
62
56
...
...
...
71
1st byte Data Out
2nd byte Data Out
...
8th byte Data Out
Figure 8.144 Read Password Sequence In QPI Mode
E7h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0
2
3
4
5
tV
...
16
17
1st byte
Data In
2nd byte
Data In
...
8th byte
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com