Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LEG-RLLA2:P-TR Datasheet(PDF) 165 Page - Integrated Silicon Solution, Inc

Part # IS25LEG-RLLA2:P-TR
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LEG-RLLA2:P-TR Datasheet(HTML) 165 Page - Integrated Silicon Solution, Inc

Back Button IS25LEG-RLLA2:P-TR Datasheet HTML 161Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 162Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 163Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 164Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 165Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 166Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 167Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 168Page - Integrated Silicon Solution, Inc IS25LEG-RLLA2:P-TR Datasheet HTML 169Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 193 page
background image
IS25LE01GG
IS25WE01GG
Integrated Silicon Solution, Inc.- www.issi.com
165
Rev. A3
10/02/2025
8.63 GANG SECTOR/BLOCK LOCK OPERATION (GBLK, 7Eh)
The Gang Sector/Block Lock (GBLK) instruction provides a quick method to set all DYB (Dynamic Protection Bit)
bits to “0” at once.
Before the GBLK (7Eh) command can be accepted by the device, a Write Enable (WREN) command must be
issued and decoded by the device, which sets the Write Enable Latch (WEL) in the Status Register to enable any
write operations.
The sequence of issuing GBLK instruction is: drive CE# low → send GBLK instruction code → drive CE# high.
The instruction code will be shifted into the device on the rising edge of SCK.
The GBLK command is accepted in both SPI and QPI mode. The CE# must go high exactly at the byte boundary,
otherwise, the instruction will be ignored. While the GBLK operation is in progress, the Status Register or Extended
Read Register may be read to check the value of the Write In Progress (WIP) bit. The WIP bit is “1” during the
GBLK operation, and is “0” when it is completed.
It takes 70us (typ) to complete GBLK operation.
Figure 8.141 Gang Sector/Block Lock Sequence In SPI Mode
Instruction = 7Eh
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.142 Gang Sector/Block Lock Sequence In QPI Mode
7Eh
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com