Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 18 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 14Page - Microchip Technology PAC1721 Datasheet HTML 15Page - Microchip Technology PAC1721 Datasheet HTML 16Page - Microchip Technology PAC1721 Datasheet HTML 17Page - Microchip Technology PAC1721 Datasheet HTML 18Page - Microchip Technology PAC1721 Datasheet HTML 19Page - Microchip Technology PAC1721 Datasheet HTML 20Page - Microchip Technology PAC1721 Datasheet HTML 21Page - Microchip Technology PAC1721 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
PAC1721
DS-20007088A-page 18
 2026 Microchip Technology Inc. and its subsidiaries
4.3
Voltage Measurement
PAC1721 measures the following voltages:
•VBUS:
◦ 8-Lead VDFN: across pin VSENSE+ to GND
◦ 10-Lead VDFN: across pin VBUS+ to GND
•VSENSE between the VSENSE+ and VSENSE– pins
Measurements can be unsigned full range, signed full
range or signed half range 12-bit values, depending on
NEG_PWR_FSR register settings. ADC internal values
for VBUS and VSENSE are multiplied together and result
in VPOWER. This VPOWER result is then summed into
the accumulator. VACC is the Accumulator register and
it can be programmed to accumulate different results
depending on the settings of the CONTROL register:
• Accumulate VBUS results → CONFIG[1:0] = 10b
• Accumulate VSENSE results → CONFIG[1:0] = 01b
• Accumulate VPOWER results → CONFIG[1:0] = 00b
By default, the VACC register accumulates VPOWER
results. For details, see Register 6-2 and Register 6-4.
The default Full Scale Range (FSR) for PAC1721 is
0V to 9V. The device can be programmed for bipolar
VBUS measurements. In this bipolar mode, the mathe-
matical range for VBUS results is ±9V, while the actual
range is limited to approximately -200 mV to +9V due
to physical factors. Bipolar mode enables accurate
VBUS offset measurements. While PAC1721 operates
in bipolar mode, 12-bit VBUS measurements are 2’s
complement signed numbers.
Calculate the actual value of VBUS using Equation 4-1.
EQUATION 4-1:
Note:
FSR/2 mode can be used to reduce FSR.
For more details, see Section 4.6.
4.4
Current Measurement
PAC1721 includes a high-side current sensing circuit
that measures the voltage (VSENSE) induced across a
fixed external current shunt resistor (RSHUNT). It then
stores the measured value as a 12-bit number in the
VSENSE register.
By default, PAC1721 operates in unipolar current mode
with a FSR of 0 to 100 mV. When sensing unipolar
currents, ADC results are in unsigned binary format.
For bipolar current mode, FSR changes to ±50mV or
±100 mV. When sensing bipolar currents, ADC results
are in 2’s complement signed format.
Note:
For best accuracy when sampling current
values near zero, Microchip recommends
using bipolar mode and 8x average current
results. For more details, see Register 6-2.
4.5
Selecting RSHUNT Values
RSHUNT can be calculated only when the maximum
current to sense, IMAX, is known. First determine IMAX
and then use Equation 4-2 to calculate RSHUNT.
EQUATION 4-2:
Determine the value of ISENSE using Equation 4-3.
EQUATION 4-3:
Where:
VBUS = Bus Voltage (V)
LSB(VBUS) = LSBs of the VBUS measurement
FSVBUS = Full Scale Voltage for VBUS (V):
• 9V for Unipolar mode
• 18V for Bipolar mode
• 9V for Bipolar FSR/2 mode
212 = 12-bit Resolution Denominator
CONV(VBUS) = Converted analog-to-digital value,
from hexadecimal to decimal, read
from the VBUS register
LSB VBUS

FSVBUS
2
12
--------------------
=
VBUS
LSB VBUS
 CONV VBUS

=
Note:
Consider that the value selected for IMAX
needs to include current peaks beyond
nominal current.
Where:
RSHUNT = External Shunt Resistor (Ω)
|FSVSENSE| = Full Scale Voltage for VSENSE (V),
absolute value:
• 100 mV for Unipolar mode
• 100 mV for Bipolar mode
• 50 mV for Bipolar FSR/2 mode
IMAX = Maximum Current to Measure (A)
RSHUNT
FSVSENSE
IMAX
----------------------------
=
ISENSE
VSENSE
RSHUNT
-------------------
=
Where:
ISENSE = Sense Current (mA)
VSENSE = Sense Voltage (mV)
RSHUNT = External Shunt Resistor (Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com