Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 55 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 55 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 51Page - Microchip Technology PAC1721 Datasheet HTML 52Page - Microchip Technology PAC1721 Datasheet HTML 53Page - Microchip Technology PAC1721 Datasheet HTML 54Page - Microchip Technology PAC1721 Datasheet HTML 55Page - Microchip Technology PAC1721 Datasheet HTML 56Page - Microchip Technology PAC1721 Datasheet HTML 57Page - Microchip Technology PAC1721 Datasheet HTML 58Page - Microchip Technology PAC1721 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 55
PAC1721
REGISTER 6-18:
ALERT_STATUS (ADDRESS 11H)
U-0
U-0
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
–
–RV
FV
RC
FC
OC
UC
bit 15
bit 8
RC-0
RC-0
RC-0
RC-0
RC-0
RC-0
U-0
U-0
OV
UV
OPC
OPW
ACC_OVF
ACC_COUNT
–
–
bit 7
bit 0
Legend:
RC = Readable only bit. Cleared when read and the conversion cycle completes.
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
Read this register to determine the cause of an alert. For more details, see Section 4.10.3.
This register is cleared when read and another conversion cycle completes. If the condition that triggered the alert is
still present when the conversion cycle completes, the bit associated with that type of alert remains set.
The register updates without requiring a Refresh (any) command.
The overcurrent, undercurrent, overpower, overvoltage and undervoltage alerts are disabled by default. To enable
these alerts, set the corresponding bits in the ALERT_ENABLE register.
Note:
No alert shows up in the ALERT_STATUS register unless it is first enabled in the ALERT_ENABLE register.
bit 15:14
Unimplemented at this time. Always reads 0.
bit 13
RV: Status of the Fast Rising Voltage alert.
0b = Alert for Fast Rising Voltage is not triggered
1b = Alert for Fast Rising Voltage was triggered
bit 12
FV: Status of the Fast Falling Voltage alert.
0b = Alert for Fast Falling Voltage is not triggered
1b = Alert for Fast Falling Voltage was triggered
bit 11
RC: Status of the Fast Rising Current alert.
0b = Alert for Fast Rising Current is not triggered
1b = Alert for Fast Rising Current was triggered
bit 10
FC: Status of the Fast Falling Current alert.
0b = Alert for Fast Falling Current is not triggered
1b = Alert for Fast Falling Current was triggered
bit 9
OC: Status of the Overcurrent alert.
0b = Alert for Overcurrent is not triggered
1b = Alert for Overcurrent was triggered
bit 8
UC: Status of the Undercurrent alert.
0b = Alert for Undercurrent is not triggered
1b = Alert for Undercurrent was triggered
bit 7
OV: Status of the Overvoltage alert.
0b = Alert for Overvoltage is not triggered
1b = Alert for Overvoltage was triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com