Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 24 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 24 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 20Page - Microchip Technology PAC1721 Datasheet HTML 21Page - Microchip Technology PAC1721 Datasheet HTML 22Page - Microchip Technology PAC1721 Datasheet HTML 23Page - Microchip Technology PAC1721 Datasheet HTML 24Page - Microchip Technology PAC1721 Datasheet HTML 25Page - Microchip Technology PAC1721 Datasheet HTML 26Page - Microchip Technology PAC1721 Datasheet HTML 27Page - Microchip Technology PAC1721 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
PAC1721
DS-20007088A-page 24
 2026 Microchip Technology Inc. and its subsidiaries
GPIO Triggered Single-shot Awake mode activates
when the GPIO pin is pulled and held low for longer
than 250 µs. This triggers the single-shot sample.
I2C Triggered Single-shot mode is also available. It is
used with a Refresh (any) command. Accumulator and
accumulator count operate the same as for continuous
conversion, summing every single-shot power calcula-
tion and incrementing the accumulator count. The
conversion cycle starts when the GPIO edge is sent or
when a Refresh (any) command is issued.
To enter GPIO Triggered Single-shot Awake mode from
the Sleep state, set the following bits in the CONTROL
register:
•A0 → SAMPLE_MODE[3:0] = 1100b
•A1 → SAMPLE_MODE[3:0] = 1101b
4.10
Alert Functionality
If enabled, the Alert functionality notifies when:
• A conversion cycle completes
• The accumulator or accumulator count overflows
• An electrical parameter exceeds the set limit
• The rolling average of the most recent VBUS or
VSENSE samples changes by more than expected
Depending on the configuration, alerts trigger either the
A0 pin or the A1 pin to be pulled low and latched low.
The only exception is the Conversion Complete alert,
when a 5 µs pulse of the ALERT pin occurs. Alerts are
set at the end of conversion cycles.
4.10.1
ALERT PIN ASSIGNMENTS
Before assigning any alerts, pin A0, pin A1 or both must
be set to function as ALERT pins by programming the
CONTROL register.:
•A0 → SLOW_ALERT0[1:0] = 00b
•A1 → GPIO_ALERT1[1:0] = 00b
After configuring pin A0/A1 to function as ALERT pin,
assign alerts to the pin using the SLOW_ALERT0
register for A0 and the GPIO_ALERT1 register for A1.
For details, see Register 6-26 and Register 6-27.
When an active alert triggers, except the Conversion
Complete alert, PAC1721 sets the ANY_ALERT bit in
the SMBUS_SETTINGS register to 1b. Monitor this bit
over I2C, SMBus or on pin A0/A1 to determine if an
alert was triggered. Clearing the alert that set the bit
also clears the ANY_ALERT bit.
Note:
The SMBUS_SETTINGS register updates
without requiring a Refresh (any) command.
For more details, see Register 6-19.
4.10.2
CONVERSION COMPLETE ALERT
When the Conversion Complete (CC) alert is enabled,
the assigned ALERT pin is pulled and held low for 5 µs
after each completed conversion cycle.
To enable the Conversion Complete alert function on
the ALERT pin, follow the next steps:
1.
Program pin A0/A1 as ALERT pin(s) in the
CONTROL register:
◦ A0 → SLOW_ALERT0[1:0] = 00b
◦ A1 → GPIO_ALERT1[1:0] = 00b
2.
Enable the Conversion Complete alert:
ALERT_ENABLE register: ALERT_CC = 1b
3.
Assign the alert to the A0/A1 pin:
◦ If A0 is set as ALERT pin →
SLOW_ALERT0 register: ALERT_CC0 = 1b
◦ If A1 is set as ALERT pin →
GPIO_ALERT1 register: ALERT_CC1 = 1b
Use the CC alert to read data continuously as soon as
each conversion cycle is complete. For more details,
see Register 6-26 and Register 6-27.
Note 1: Jitter caused by the low power clocking
scheme can be present when viewing the
Conversion Complete alert. This does not
impact the conversion cycle.
2: The Conversion Complete alert does not
impact the ALERT_STATUS register. For
more details, see Register 6-18.
4.10.3
ALERT FUNCTIONALITY –
VOLTAGE, CURRENT AND POWER
The Alert functionality enables the detection of voltage
and current events that equal or exceed programmable
limits, for one or more samples. To monitor alert status,
set pin A0/A1 to correspond to a single specific alert or
to multiple alerts by programming the corresponding
bits in the SLOW_ALERT0 register for pin A0 and the
GPIO_ALERT1 register for pin A1. For more details,
see Register 6-26 and Register 6-27.
Alert status can also be monitored over SMBus or I2C
by reading the ALERT_STATUS register. For more
details, see Register 6-18.
Alerts can be triggered by various events:
•VBUS overvoltage or undervoltage
•VSENSE overcurrent or undercurrent
• Fast rising or falling voltage or current
• Overpower warning or overpower critical
• Conversion cycle complete
• Accumulator or accumulator count hitting a limit for
fullness or overflow
Note:
The Slow function is disabled if the Alert
function is programmed on the same pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com