Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 90 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 90 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 84Page - Microchip Technology PAC1721 Datasheet HTML 85Page - Microchip Technology PAC1721 Datasheet HTML 86Page - Microchip Technology PAC1721 Datasheet HTML 87Page - Microchip Technology PAC1721 Datasheet HTML 88Page - Microchip Technology PAC1721 Datasheet HTML 89Page - Microchip Technology PAC1721 Datasheet HTML 90Page - Microchip Technology PAC1721 Datasheet HTML 91Page - Microchip Technology PAC1721 Datasheet HTML 92Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
PAC1721
DS-20007088A-page 90
 2026 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
PAC1721 = Single-Channel Power Monitor with Accumulator,
9V Full Scale Range
Tape and Reel
Option(1):
T
= Tape and Reel
Device Option
1
= High-Side Power Monitor
2
= High-Side or Low-Side Power Monitor with
Hardware Power-down
Temperature
Range:
E= -40
C to +125C (Extended)
Package:
3P
= Very Thin Plastic Dual Flat, No Lead (3PW),
3x3 mm body, 8-Lead (VDFN) with Multiple
Exposed Pad and Stepped Wettable Flanks
9Q
= Very Thin Plastic Dual Flat, No Lead (9QX),
3x3 mm body, 10-Lead (VDFN)
Class:
Blank = Non-automotive
VAO
= Automotive
Examples:
a) PAC1721T-1E/3P
= Single-Channel Power
Monitor, Tape and Reel,
High-Side,
Extended Temperature,
8-Lead VDFN Package
b) PAC1721T-2E/9Q
= Single-Channel Power
Monitor, Tape and Reel,
High-Side or Low-Side with
Hardware Power-down,
Extended Temperature,
10-Lead VDFN Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
PART NO.
Device
X
Temperature
Range
X(1)
Tape and Reel
-X
Device
Option
/XX
Package
[XXX]
Class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com