Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 33 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 29Page - Microchip Technology PAC1721 Datasheet HTML 30Page - Microchip Technology PAC1721 Datasheet HTML 31Page - Microchip Technology PAC1721 Datasheet HTML 32Page - Microchip Technology PAC1721 Datasheet HTML 33Page - Microchip Technology PAC1721 Datasheet HTML 34Page - Microchip Technology PAC1721 Datasheet HTML 35Page - Microchip Technology PAC1721 Datasheet HTML 36Page - Microchip Technology PAC1721 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 33
PAC1721
5.6.7
BLOCK WRITE – I2C VERSION
Use Block Write to write multiple data bytes to a single
register that has more than one byte of data or to a
group of contiguous registers, as shown in Table 5-9.
If an invalid register address is specified, the target
ACKs its address, but NACKs the register address.
The host NACKs the data received from the target by
holding the SMBus data line high after the 8th data bit
is sent.
5.6.8
BLOCK WRITE – SMBUS VERSION
PAC1721 does not support the SMBus Block Write
functionality. Use the I2C Block Write implementation.
5.6.9
BLOCK READ – I2C VERSION
Use Block Read to read multiple data bytes from a
register that has more than one byte of data or from a
group of contiguous registers, as shown in Table 5-10.
If an invalid register address is specified, the target
ACKs its address, but NACKs the register address.
The host NACKs the data received from the target by
holding the SMBus data line high after the 8th data bit
is sent.
TABLE 5-9:
BLOCK WRITE – I2C VERSION
START
Condition
Target
Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
1 → 0
YYYY_YYY
00
XXh
0
XXh
0
Register
Data
ACK
Register
Data
ACK
Register
Data
ACK
STOP
Condition
XXh
0
XXh
0
XXh
00 → 1
TABLE 5-10:
BLOCK READ – I2C VERSION
START
Condition
Target
Address
WR
ACK
Register
Address
ACK
START
Target
Address
RD
ACK
Register
Data
1 → 0
YYYY_YYY
00
XXh
01 → 0
YYYY_YYY
10
XXh
ACK
Register
Data
ACK
Register
Data
ACK
Register
Data
ACK
Register
Data
NACK
STOP
Condition
0
XXh
0
XXh
0
XXh
0
XXh
10 → 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com