Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 2 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 2 Page - Microchip Technology

  PAC1721 Datasheet HTML 1Page - Microchip Technology PAC1721 Datasheet HTML 2Page - Microchip Technology PAC1721 Datasheet HTML 3Page - Microchip Technology PAC1721 Datasheet HTML 4Page - Microchip Technology PAC1721 Datasheet HTML 5Page - Microchip Technology PAC1721 Datasheet HTML 6Page - Microchip Technology PAC1721 Datasheet HTML 7Page - Microchip Technology PAC1721 Datasheet HTML 8Page - Microchip Technology PAC1721 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
PAC1721
DS-20007088A-page 2
 2026 Microchip Technology Inc. and its subsidiaries
Applications
• Low Current General Purpose Applications
• Battery Powered Applications
• Portable and Embedded Computing
• Smart Home and Smart City Applications
• USB Type-A, Type-B and Type-C Connectivity
• Networking
• Automotive
• Internet of Things (IoT)
Package Types
Functional Block Diagram
3x3 mm 8-Lead VDFN
PAC1721
1
VSENSE+
2
3
4
VSENSE–
GND
VDD
8
7
6
5
SDA
SCL
3x3 mm 10-Lead VDFN
PAC1721
1
VSENSE–
2
3
4
5
GND
SDA
10
9
8
7
6
VSENSE+
VBUS+
VDD
PWRDN
SCL
A1/ ALERT
A1/ ALERT
A0/ ALERT
A0/ ALERT
A1/ ALERT
A1/ ALERT
A0/ ALERT
A0/ ALERT
VBUS+
(2)
VSENSE–
VDD
GND
SDA
SCL
VBUS
Registers
VSENSE
Registers
VPOWER
Registers
Control
Registers
Accumulator
Registers
Accumulator
12-bit ADC
ADC Clocking
and Control
VBUS
Buffer/Divider
Differential
VSENSE
Amplifier
Calculation
and Calibration
I
2C/SMBus
PWRDN
(2)
Digital
Decode
VSENSE+
VSENSE+
VBUS+
VSENSE–
NOTES:
1. Circuitry colored green available only for the 8-Lead VDFN PAC1721.
2. Circuitry colored blue available only for the 10-Lead VDFN PAC1721.
(1)
Multiplexer
A0/ ALERT
A0/ ALERT
A1/ ALERT
A1/ ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com