Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 14 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 10Page - Microchip Technology PAC1721 Datasheet HTML 11Page - Microchip Technology PAC1721 Datasheet HTML 12Page - Microchip Technology PAC1721 Datasheet HTML 13Page - Microchip Technology PAC1721 Datasheet HTML 14Page - Microchip Technology PAC1721 Datasheet HTML 15Page - Microchip Technology PAC1721 Datasheet HTML 16Page - Microchip Technology PAC1721 Datasheet HTML 17Page - Microchip Technology PAC1721 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
PAC1721
DS-20007088A-page 14
 2026 Microchip Technology Inc. and its subsidiaries
4.0
DEVICE DESCRIPTION
This section describes the functional requirements of
PAC1721 presented in the Functional Block Diagram.
4.1
Definitions
I. VBUS is the system bus voltage measured across:
•For 8-Lead VDFN: VSENSE+ pin to GND
•For 10-Lead VDFN: VBUS+ pin to GND
For more details, see Section 4.3.
II. VSENSE is the sense input voltage measured across
an external current shunt resistor, RSHUNT. The differ-
ential voltage is measured between the VSENSE+ and
VSENSE– pins. For more details, see Section 4.4.
III. VPOWER is the result of multiplying VBUS and
VSENSE samples together: VPOWER = VBUS × VSENSE.
Use VPOWER to calculate the actual electrical power.
For details, see Section 4.8.
IV. A conversion cycle is the time period during which
PAC1721 performs the following operations in order:
1.
Sample VBUS and then VSENSE
2.
Convert VBUS and VSENSE results from analog
to digital values
3.
Calculate VPOWER
4.
Accumulate VPOWER results
V. PAC1721 supports the following three commands:
Refresh, Refresh_G and Refresh_V. Throughout the
document, the term “Refresh (any)” refers to situations
when any of the three refresh commands can be used.
4.2
Detailed Description
The input pins to VBUS and VSENSE connect directly to
their own amplifiers. The outputs of these amplifiers are
sampled serially for both VBUS and VSENSE. Offset is
removed using a modified correlated double sampling
method, while the gain error is calibrated in production.
After every completed conversion, VBUS and VSENSE
are multiplied together to produce VPOWER.
PAC1721 has a single 12-bit ADC that is managed by
its own internal oscillator and digital logic.
When a Refresh (any) command is issued, measure-
ments update 1 µs after the current conversion cycle
completes. The timing depends on the selected sample
rate and the moment the Refresh (any) command was
issued.
4.2.1
INITIAL OPERATION
After POR and the start-up sequence, PAC1721 enters
Active state and begins sequentially sampling device
inputs. PAC1721 first samples voltage and current,
then calculates the instantaneous electrical power and
sums the result in the power accumulator.
PAC1721 has a default sample rate of 1,024 sps. It can
be programmed over I2C or SMBus. Pin A0 or A1 can
operate as the SLOW pin (see Section 4.2.8). Holding
the SLOW pin high overrides the programmed sample
rate, gathering 8 sps (Slow mode). When sampling at
rates lower than the maximum of 8,192 sps, PAC1721
enters a low-power state (no sampling) for a portion of
the conversion cycle, resulting in minimum power
dissipation.
A Refresh command updates the data registers (see
Section 6.2) and resets the accumulator (VACC) and
the accumulator count (ACC_COUNT) registers. To
update data registers without resetting the VACC or
ACC_COUNT registers, issue a Refresh_V command.
Issue a Refresh or Refresh_V command to activate
changes to the CONTROL register. When writing to this
register, the new settings take effect after the current
conversion cycle (active sampling) or before the next
conversion cycle that follows a Refresh or Refresh_V
command.
Note:
When enabled, Auto-refresh changes this
operation. For details, see Section 4.2.5.
4.2.2
REFRESH COMMAND
The host sends a Refresh command after changing the
CONTROL register and/or before reading accumulator
data from PAC1721. This is used by the host to control
the accumulation period.
Note:
Various registers require a Refresh (any)
command to activate new settings.
Data registers for VBUS, VSENSE, VPOWER, accumulator
and accumulator count update with every Refresh
command and their values become static until the next
Refresh command. These data registers become
ready-to-read within one conversion cycle after issuing
a Refresh command. The registers can be read by the
host at any time up until the next Refresh command
issues. For more details, see Register 6-1.
Note 1: Refresh commands reset the accumulator
and accumulator count. However, they do
not reset input sampling, data conversion
and power integration. These continue as
set by the CONTROL register.
2: Changes to control and configuration regis-
ters take effect one conversion cycle after
issuing a Refresh command.
Note:
The duration of a conversion cycle, tCC,
varies with the selected sample rate, ƒS:
tCC = 1/ƒS
•ƒS = 8 sps → tCC = 125 ms
•ƒS = 1,024 sps → tCC = 977 µs
•ƒS = 8,192 sps → tCC = 122 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com