Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 16 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 12Page - Microchip Technology PAC1721 Datasheet HTML 13Page - Microchip Technology PAC1721 Datasheet HTML 14Page - Microchip Technology PAC1721 Datasheet HTML 15Page - Microchip Technology PAC1721 Datasheet HTML 16Page - Microchip Technology PAC1721 Datasheet HTML 17Page - Microchip Technology PAC1721 Datasheet HTML 18Page - Microchip Technology PAC1721 Datasheet HTML 19Page - Microchip Technology PAC1721 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
PAC1721
DS-20007088A-page 16
 2026 Microchip Technology Inc. and its subsidiaries
4.2.6
SLEEP STATE
The Sleep state is a lower power state than the Active
state, during which PAC1721 draws a supply current,
ISLEEP, (5 µA, typical) from pin VDD. During this state,
registers retain their values and do not reset.
PAC1721 enters the Sleep state when a Refresh or
Refresh_V command follows a write to the CONTROL
register. PAC1721 exists the Sleep state and resumes
sampling only after selecting a new sample mode. To
force PAC1721 out of the Sleep state:
1.
Select a new sample mode/rate by setting the
SAMPLE_MODE[3:0] bits in the CONTROL
register. For more details, see Register 6-2.
2.
Issue a Refresh or Refresh_V command to apply
the new sample mode.
PAC1721 does not enter the Sleep state based on any
other parameters, such as static conditions on the
SMBus pins. If the SMBus Timeout feature is enabled,
it functions in both Sleep and Active states.
To enter Sleep state, set the SAMPLE_MODE[3:0] bits
in the CONTROL register to 1110b or 1111b.
4.2.7
POWER-DOWN STATE
The only way to enter the Power-down state is to pull
down the PWRDN pin. In this state, all PAC1721
circuits, including the SMBus pins, are inactive and the
device is in a state of minimum power dissipation.
In the Power-down state, PAC1721 does not retain any
data, be it register configuration or measurement data.
When the PWRDN pin is pulled high, sampling, power
integration and accumulation resume using the default
register settings as described in Section 4.2.1.
The initial request for measurement data must be done
tINT_T (time to first communications; 20 ms, maximum)
after POR with a Refresh or Refresh_V command. POR
occurs when VDD exceeds VPOR (1.2 V, typical) or when
the PWRDN pin is pulled high.
The POR bit in the SMBUS_SETTINGS register is set
to 1b on POR events. To determine that a POR event
occurred using this bit, follow these steps:
1. After the initial POR event, clear the POR bit.
2. Poll the SMBUS_SETTINGS register to check if the
POR bit is indeed cleared.
3. If the POR bit is set to 1b when polling the register,
then a POR event occurred and PAC1721 requires
reprogramming, unless the objective is to operate the
device using the default configuration for all registers.
4.2.8
SLOW SAMPLE MODE
Pins A0 and A1 are multifunction pins when pulled to
VDD through a resistor. When programming pin A0 or
A1 for the Slow sample mode, the selected pin is now
considered the SLOW pin. If the SLOW pin is pulled
high, PAC1721 samples at 8 sps. Regardless of the
configured sample rate, this new Slow sample rate
takes effect on the next conversion cycle. If a conver-
sion cycle is in progress when pulling the SLOW pin
high, the Slow sample rate takes effect after the current
conversion cycle completes.
To configure pin A0 or A1 as the SLOW pin, set the
following bit in the CONTROL register:
•A0 → SLOW_ALERT0[1:0] = 11b
•A1 → GPIO_ALERT1[1:0] = 11b
4.2.8.1
Interaction with ALERT0/1
Pin A0 can function as the ALERT0 pin, while pin A1
can operate as the ALERT1 pin. If the Alert function is
enabled for pin A0 or A1, that pin can no longer control
the active conversion.
Alert conditions include overvoltage, undervoltage,
overcurrent, undercurrent, overpower, step limit,
accumulator overflow and accumulator count overflow.
If an alert condition is assigned to the A0 or A1 pin,
sampling proceeds at the programmed rate (or the
default rate of 1,024 sps if not changed). For more
details, see Section 4.10.
To configure pin A0 or A1 as an ALERT pin, set the
following bit in the CONTROL register:
•A0 → SLOW_ALERT0[1:0] = 00b
•A1 → GPIO_ALERT1[1:0] = 00b
If pin A0 or A1 is set to operate as ALERT pin and not
as SLOW pin, the Slow sample rate of 8 sps can be
selected by setting the SAMPLE_MODE[3:0] bits in the
CONTROL register to 0101b. Other sample rates are
available. For more details, see Register 6-2.
If PAC1721 operates in one of the Single-shot sample
modes and the SLOW pin is pulled high, sampling
starts one band gap start-up cycle after the SLOW pin
is pulled high. This lasts for a maximum of 5 ms.
If PAC1721 is in the Sleep state, pulling the SLOW pin
high does not trigger the device to initiate sampling.
Note 1: The Power-down state is available only
on the 10-Lead VDFN package.
2: Maximum voltage on this pin is VDD.
Do not pull this pin up to voltages that
exceed VDD.
Note:
While both A0 and A1 pins can be set as
SLOW pins, A0 precedes A1. If A0 is set
as SLOW pin and pulled high, PAC1721
enters Slow sample mode, regardless
how pin A1 is configured or controlled.
Note:
The same pin (A0 or A1) cannot be set
to operate as both SLOW and ALERT
pin simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com