Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 13 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 9Page - Microchip Technology PAC1721 Datasheet HTML 10Page - Microchip Technology PAC1721 Datasheet HTML 11Page - Microchip Technology PAC1721 Datasheet HTML 12Page - Microchip Technology PAC1721 Datasheet HTML 13Page - Microchip Technology PAC1721 Datasheet HTML 14Page - Microchip Technology PAC1721 Datasheet HTML 15Page - Microchip Technology PAC1721 Datasheet HTML 16Page - Microchip Technology PAC1721 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 13
PAC1721
3.0
PIN DESCRIPTIONS
Table 3-1 describes the pins of PAC1721.
3.1
Sense Voltage Pins
(VSENSE+ and VSENSE–)
Pins VSENSE+ and VSENSE– form the differential
input for measuring voltage across RSHUNT in the
circuit application.
3.2
Ground Pin (GND)
This pin is the system ground.
3.3
Positive Power Supply Voltage Pin
(VDD)
This is the power supply input pin for PAC1721. It has
a voltage range of 2.7V to 5.5V. Bypass it with a 100 nF
ceramic capacitor connected to GND near the IC.
3.4
SMBus Data (SMBDAT) Pin (SDA)
This is the bidirectional SMBus data pin. This pin is
open-drain and requires a pull-up resistor connected to
the external communication voltage rail.
3.5
SMBus Clock (SMBCLK) Pin (SCL)
This is the SMBus clock input pin and requires an
external pull-up resistor, except if used in High-speed
mode, which requires a CMOS driver from the host.
3.6
A0 and A1 Multi-functional Pins
These pins are used to define the I2C/SMBus address.
When pulled high through a resistor to VDD, the A0 or
A1 pin can be used as an ALERT, SLOW or GPIO pin.
These pins are an open-drain configuration.
3.7
Power-down Pin (PWRDN)
When this pin is pulled low, PAC1721 enters the Power-
down state. In this state, all the circuitry powers down,
including the SMBus pins.
3.8
Positive Bus Voltage Pin (VBUS+)
This pin is the input pin for VBUS. It can be used as
either a high-side or a low-side power monitor.
TABLE 3-1:
PAC1721 PIN DESCRIPTIONS
Pin Number
Pin
Symbol
Description
8-Lead
VDFN
10-Lead
VDFN
1
10
VSENSE+
Analog input pin. 0 to FSR.
Connect to source side of the shunt resistor (RSHUNT).
2
1
VSENSE– Analog input pin. 0 to FSR. Connect to load side of RSHUNT.
3
3
GND
Ground pin for the integrated circuit (IC).
4
8
VDD
IC power pin.
5
6
SCL
SMBus clock input pin.
6
5
SDA
SMBus data I/O pin.
74
A0
Multifunction pin. Digital I/O. Address 0, ALERT, SLOW and GPIO pin.
82
A1
Multifunction pin. Digital I/O. Address 1, ALERT, SLOW and GPIO pin.
—
7
PWRDN
When this pin becomes active low, PAC1721 enters power-down state.
Hardware triggered POR.
—
9
VBUS+
Analog input pin. Connect to VBUS.
Configurable for high-side or low-side power monitoring.
Note:
8-Lead VDFN only: Pin VSENSE+ also
acts as the input pin for VBUS
Note 1: 10-Lead VDFN only
2: Maximum voltage on this pin is VDD.
Do not pull this pin up to voltages that
exceed VDD
Note:
This pin is available only for the 10-Lead
VDFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com