Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 28 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 24Page - Microchip Technology PAC1721 Datasheet HTML 25Page - Microchip Technology PAC1721 Datasheet HTML 26Page - Microchip Technology PAC1721 Datasheet HTML 27Page - Microchip Technology PAC1721 Datasheet HTML 28Page - Microchip Technology PAC1721 Datasheet HTML 29Page - Microchip Technology PAC1721 Datasheet HTML 30Page - Microchip Technology PAC1721 Datasheet HTML 31Page - Microchip Technology PAC1721 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
PAC1721
DS-20007088A-page 28
 2026 Microchip Technology Inc. and its subsidiaries
Pins A0/A1 are set as inputs during POR, allowing
signal detection to occur during the first I2C/SMBus
command. After the address is defined, pins A0/A1
enter their default state or are high impedance if the
defined address disallows multifunction operation.
To avoid blocking the SMBus, the Alert functionality is
disabled for addresses that do not include VDD pull-up
connections. The Slow function is allowed. However, it
remains disabled until the function is configured and
the SLOW pin is pulled high.
The following functionality can be changed when the
A0/A1 pins are pulled up to VDD through a resistor:
•A0 → SLOW, ALERT or GPIO
•A1 → SLOW, ALERT or GPIO
The correct programming workflow is:
1.
Select the pin function
2.
Configure pin settings
3.
Enable the pin, if required
1.
Use Case 1: A0 as SLOW Pin
POR → Set address → Set pin A0 to function as
SLOW pin
Note:
No setup required and no need to enable
the SLOW pin as it becomes active when
selecting the Slow function.
2.
Use Case 2: A1 as GPIO Output Pin
POR → Set address → Set pin A1 to function as
GPIO output pin
Note:
No need to enable the GPIO pin as it
becomes active when selecting the GPIO
function.
3.
Use Case 3: A0 as ALERT Pin
POR → Set address → Set pin A0 to function as
ALERT pin → Set alerts to be available on the
ALERT pin → Set limits → Enable ALERT pin as
output
4.
External Alert Connections Considerations
Do not externally connect pins A0 and A1. While
this is technically feasible, considering the
power-up requirements for these pins, any
change in voltage during the initial address
setup results in an incorrect address definition
and incorrect A0/A1 functionality.
Do not enable any alerts until all PAC1721
devices that are part of the system have defined
addresses.
A single address, 1000 101b (R/W), has two
alerts available. The alerts cannot be set until
the I2C address is defined after the initial I2C
command.
5.1.2
SMBUS START CONDITION
The SMBus START condition is defined as a high-to-
low transition of the SMBus data line while the SMBus
clock line is pulled high.
5.1.3
SMBUS STOP CONDITION
The SMBus STOP condition is defined as a low-to-high
transition of the SMBus data line while the SMBus
clock line is pulled high.
While in communications with the SMBus protocol, if
PAC1721 detects an SMBus STOP condition, it resets
its target interface and prepares to receive further data.
5.1.4
SMBUS ACK AND NACK BITS
The SMBus target acknowledges (ACK) received data
bytes by holding the SMBus data line low after the
8th bit of each transmitted byte.
The SMBus target negatively acknowledges (NACK)
received data bytes by holding the SMBus data line
high after the 8th bit of each transmitted byte.
5.1.5
SMBUS DATA BYTES
All SMBus DATA bytes are sent MSB first. If a complete
set of SMBus clock pulses is not sent (for example, less
than 16 pulses for a 2-byte register), the data is written
starting from its MSB.
5.2
SMBus Timeout
PAC1721 supports the SMBus Timeout functionality.
This feature is disabled by default. To enable it, set the
TIMEOUT bit in the SMBUS_SETTINGS register to 1b.
If SMBus Timeout is enabled and the clock is held at
logic ‘0’ for 25 to 35 ms (tTIMEOUT), PAC1721 times out
and resets the SMBus interface. Communication is
restored with a START condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com