Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 43 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 39Page - Microchip Technology PAC1721 Datasheet HTML 40Page - Microchip Technology PAC1721 Datasheet HTML 41Page - Microchip Technology PAC1721 Datasheet HTML 42Page - Microchip Technology PAC1721 Datasheet HTML 43Page - Microchip Technology PAC1721 Datasheet HTML 44Page - Microchip Technology PAC1721 Datasheet HTML 45Page - Microchip Technology PAC1721 Datasheet HTML 46Page - Microchip Technology PAC1721 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 43
PAC1721
bit 55:0
VACC[55:0]: The Accumulator (VACC) stores, by default, the accumulated sum of VPOWER calculations.
It can accumulate VBUS or VSENSE measurements if the ACC_CONFIG[1:0] bits in the CONTROL
register are set to 01b for VBUS or 10b for VSENSE.
The stored values are 56-bit unsigned numbers, unless either VBUS or VSENSE is configured to have a
Bipolar range. In that case, the values are stored using 55 bits and one sign bit (2’s complement).
A Refresh command resets the register, while a Refresh_V does not.
When changing the type of results (VBUS, VSENSE or VPOWER) accumulated in the VACC register using
a Refresh_V command, already accumulated results are not reset. This results in the VACC register
containing both new and old values. Send a Refresh command to completely reset the register.
This register uses 12 bits to store VBUS and VSENSE results and 24 bits for VPOWER calculations.
Note 1: Power is always calculated using signed numbers for VBUS and VSENSE. However, if both
VBUS and VSENSE are measured using the default unipolar mode, power is reported as an
unsigned number. This can cause very small discrepancies between a manual comparison
of VBUS × VSENSE and the results that PAC1721 calculates and accumulates for VPOWER.
PAC1721 performs calculations using more bits than the reported results for VBUS and
VSENSE. Thus, in some cases, values stored in the VPOWER and VACC registers are more
accurate than calculations using the values stored in the VBUS and VSENSE registers.
2: This register accumulates both positive and negative values even in Unipolar mode. Thus,
if negative or near zero currents are measured, send a Refresh command to ensure the
correct accumulated values are stored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com