Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 85 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 85 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 81Page - Microchip Technology PAC1721 Datasheet HTML 82Page - Microchip Technology PAC1721 Datasheet HTML 83Page - Microchip Technology PAC1721 Datasheet HTML 84Page - Microchip Technology PAC1721 Datasheet HTML 85Page - Microchip Technology PAC1721 Datasheet HTML 86Page - Microchip Technology PAC1721 Datasheet HTML 87Page - Microchip Technology PAC1721 Datasheet HTML 88Page - Microchip Technology PAC1721 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 85
PAC1721
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Center Pad Width (X4)
Center Pad Length (X4)
Contact Pitch
Y2
X2
0.35
0.55
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.90
0.35
NOM
C
Contact Pad Spacing
2.80
Center Pad to Center Pad
G4
0.21
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Center Pad to Center Pad
G3
0.43
Microchip Technology Drawing C04-2568 Rev B
C
Contact Pad to Contact Pad (X6)
G2
0.30
Contact Pad to Center Pad (X8)
G1
0.50
E
X1
Y1
Y2
X2
G1
G4
G3
G2
SILK SCREEN
8-Lead Very Thin Plastic Dual Flat, No Lead Package (3PW) - 3x3x1.0 mm Body [VDFN]
With Multiple Exposed Pad and Stepped Wettable Flanks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com