Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 39 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 35Page - Microchip Technology PAC1721 Datasheet HTML 36Page - Microchip Technology PAC1721 Datasheet HTML 37Page - Microchip Technology PAC1721 Datasheet HTML 38Page - Microchip Technology PAC1721 Datasheet HTML 39Page - Microchip Technology PAC1721 Datasheet HTML 40Page - Microchip Technology PAC1721 Datasheet HTML 41Page - Microchip Technology PAC1721 Datasheet HTML 42Page - Microchip Technology PAC1721 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 39
PAC1721
REGISTER 6-2:
CONTROL (ADDRESS 01H)
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
SAMPLE_MODE[3:0]
GPIO_ALERT1[1:0]
SLOW_ALERT0[1:0]
bit 15
bit 8
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
AVERAGE[2:0]
AA
ACC_CONFIG[1:0]
AUTO_REFRESH [1:0]
bit 7
bit 0
Legend:
R = Read bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
bit 15:12
SAMPLE_MODE[3:0]: Selects one of the sample modes listed below. These modes are exclusive –
only one mode can be set at any given time.
One of the sample rate options is Sleep state for when no sampling occurs.
When switching sample modes during a conversion cycle, the ADC continues the current sample mode
until the conversion completes and then switches to the new sample mode. Registers CONTROL and
CONTROL_ACT update.
Switching from a Continuous sample mode to a Single-shot mode triggers an extra conversion cycle.
When using a GPIO Triggered sample mode, first configure the desired pin (A0 or A1) as an input by
setting the SLOW_ALERT0[1:0] or GPIO_ALERT1[1:0] bits to 01b.
0000b = 8,192 sps (see Section 4.8.1)
0001b = 4,096 sps
0010b = 1,024 sps (default)
0011b = 256 sps
0100b = 64 sps
0101b = 8 sps (Slow mode) (see Section 4.2.8)
0110b = Single-shot mode (see Section 4.9.1)
0111b = Single-shot Average mode
1000b = Single-shot Awake mode
1001b = Single-shot Awake Average mode
1010b = VBUS Only at 16,384 sps (see Section 4.2.9)
1011b = VSENSE Only at 16,384 sps (see Section 4.2.9)
1100b = GPIO (A0) Triggered Single-shot Awake mode, Edge (see Section 4.9.1.4)
1101b = GPIO (A1) Triggered Single-shot Awake mode, Edge (see Section 4.9.1.4)
1110b = Sleep state (see Section 4.2.6)
1111b = Sleep state (see Section 4.2.6)
bit 11:10
GPIO_ALERT1[1:0]: Selects the signals for the A1 pin, GPIO1/ALERT function.
If pin A1 is configured as GPIO pin, the R/W data for the pin is stored in register SMBUS_SETTINGS.
While the A1 pin is multifunction, Microchip recommends using A1 as GPIO/ALERT pin.
00b = ALERT. Functions as ALERT1 pin.
01b = GPIO digital input. Read data from register SMBUS_SETTINGS as input to this pin. (default)
10b = GPIO digital output. Write data from this pin as output to register SMBUS_SETTINGS.
11b = SLOW. Functions as SLOW pin. Pulling the pin high overrides the programmed sample rate and
results in a sample rate of 8 sps (Slow mode). Configuring the pin as SLOW pin takes priority
over other settings, including GPIO Triggered mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com