Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 59 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 59 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 55Page - Microchip Technology PAC1721 Datasheet HTML 56Page - Microchip Technology PAC1721 Datasheet HTML 57Page - Microchip Technology PAC1721 Datasheet HTML 58Page - Microchip Technology PAC1721 Datasheet HTML 59Page - Microchip Technology PAC1721 Datasheet HTML 60Page - Microchip Technology PAC1721 Datasheet HTML 61Page - Microchip Technology PAC1721 Datasheet HTML 62Page - Microchip Technology PAC1721 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 59
PAC1721
REGISTER 6-20:
NEG_PWR_FSR (ADDRESS 13H)
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
–
–
–
–
CFG_VS[1:0]
CFG_VB[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
This register is used to configure FSR for VBUS and/or VSENSE.
Bipolar ranges for VBUS and VSENSE enable the measurement of bipolar voltages and currents.
Issue a Refresh (any) command to copy NEG_PWR_FSR register settings to the NEG_PWR_FSR_ACT register.
bit 7:4
Unimplemented at this time. Always reads 0.
bit 3:2
CFG_VS[1:0]: Configure FSR for VSENSE measurements.
00b = VSENSE is in Unipolar 0-FSR mode: 0V to +100 mV FSR (default)
01b = VSENSE is in Bipolar ± FSR mode: –100 mV to +100 mV FSR
10b = VSENSE is in Bipolar ± FSR/2 mode: –50 mV to +50 mV FSR/2
11b = Reserved
bit 1:0
CFG_VB[1:0]: Configure FSR for VBUS measurements.
00b = VBUS is in Unipolar 0-FSR mode: 0V to +9V FSR (default)
01b = VBUS is in Bipolar ± FSR mode: –9V to +9V FSR
10b = VBUS is in Bipolar ± FSR/2 mode: –4.5V to +4.5V FSR/2
11b = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com