Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 38 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 34Page - Microchip Technology PAC1721 Datasheet HTML 35Page - Microchip Technology PAC1721 Datasheet HTML 36Page - Microchip Technology PAC1721 Datasheet HTML 37Page - Microchip Technology PAC1721 Datasheet HTML 38Page - Microchip Technology PAC1721 Datasheet HTML 39Page - Microchip Technology PAC1721 Datasheet HTML 40Page - Microchip Technology PAC1721 Datasheet HTML 41Page - Microchip Technology PAC1721 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
PAC1721
DS-20007088A-page 38
 2026 Microchip Technology Inc. and its subsidiaries
6.3
Detailed Register Information
REGISTER 6-1:
REFRESH (ADDRESS 00H)
FIGURE 6-1:
Host Read Period After a Refresh Command.
SEND
SEND
SEND
SEND
SEND
SEND
SEND
SEND
No data in this command, Send Byte only
bit 7
bit 0
Legend:
R = Read bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
bit 7:0
SEND[7:0]: This command is a Send Byte and does not contain any data.
When PAC1721 receives the command, it executes a Refresh. The accumulator results, accumulator
count, VBUS and VSENSE measurements update and the accumulators reset.
When a Refresh command is issued, data registers become readable after the current conversion cycle
completes. The conversion period varies depending on the selected sample rate. Set the ALERT_CC
bit in the ALERT_ENABLE register if the fastest timing is required.
The host can read the accumulator results, accumulator count, VBUS and VSENSE data any time before
the next Refresh command is issued (see Figure 6-1).
Update the accumulator results, accumulator count, VBUS and VSENSE data without resetting the
accumulators using a Refresh_V command. See Section 4.2.2, Refresh Command.
t
Next Refresh Command is issued
Refresh Command was issued
Host can read data any time during this interval:
x
Accumulator results
x
Accumulator count
x
VBUS measurements
x
VSENSE measurements
Conversion Complete Alert triggers;
Data ready to read
ALERT
1
0
5 μs
Data not ready
to read
Conversion Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com