Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 17 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 13Page - Microchip Technology PAC1721 Datasheet HTML 14Page - Microchip Technology PAC1721 Datasheet HTML 15Page - Microchip Technology PAC1721 Datasheet HTML 16Page - Microchip Technology PAC1721 Datasheet HTML 17Page - Microchip Technology PAC1721 Datasheet HTML 18Page - Microchip Technology PAC1721 Datasheet HTML 19Page - Microchip Technology PAC1721 Datasheet HTML 20Page - Microchip Technology PAC1721 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 17
PAC1721
Whenever the SLOW pin is pulled high, PAC1721 itself
can execute a Limited Refresh or Refresh_V command;
default is Refresh. The Limited Refresh or Refresh_V
command behaves like its counterpart, except that
programmed changes to the configuration or status
registers do not take effect. Data registers are updated
and are ready-to-read within one conversion cycle after
the SLOW pin transition.
The SLOW register allows to:
• Select between issuing a Limited Refresh or
Refresh_V command on SLOW pin transitions.
• Enable or disable Limited Refresh or Refresh_V
commands for either signal edge of the SLOW pin.
• Track the state of the SLOW pin and its transitions.
For details, see Register 6-23.
4.2.9
OPERATION OF SAMPLE MODES
1010B AND 1011B
PAC1721 has multiple sample modes available for
selection. Among them, there are two sample modes
that lock the ADC to a specific input:
• Sample mode 1010b only samples input VBUS at
16,384 sps
• Sample mode 1011b only samples input VSENSE at
16,384 sps
4.2.9.1
Sample Mode 1010b
While operating in sample mode 1010b, PAC1721 only
measures VBUS and not VSENSE. However, the device
uses the last available VSENSE value to approximate
VPOWER. The newly measured VBUS value and the last
available VSENSE value are multiplied together. The
result is a quasi-VPOWER value that can be used as an
estimate of the actual VPOWER. PAC1721 also uses this
result to update VPOWER registers, including VPOWER,
VPOWER_MIN and VPOWER_MAX.
Registers associated with VSENSE, including VSENSE,
VSENSE_AVG, VSENSE_MIN and VSENSE_MAX,
keep their most recent valid results even after a
Refresh (any) command occurs.
The accumulator operates as normal. No registers are
skipped over during auto-incrementing.
4.2.9.2
Sample Mode 1011b
While operating in sample mode 1011b, PAC1721 only
measures VSENSE and not VBUS. However, the device
uses the last available VBUS value to approximate
VPOWER. The newly measured VSENSE value and the
last available VBUS value are multiplied together. The
result is a quasi-VPOWER value that can be used as an
estimate of the actual VPOWER. PAC1721 also uses this
result to update VPOWER registers, including VPOWER,
VPOWER_MIN and VPOWER_MAX.
Registers associated with VBUS, including VBUS,
VBUS_AVG, VBUS_MIN and VBUS_MAX, keep their
most recent valid result even after a Refresh (any)
command occurs.
The accumulator operates as normal. No registers are
skipped over during auto-incrementing.
4.2.10
USING THE A0/A1 PINS AS I/O PINS
Pins A0 and A1 can be used as General Purpose Input/
Output (GPIO) pins when the A0/A1 pins are pulled up
to VDD. Enable this functionality in the CONTROL reg-
ister:
•Pin A0:
◦ GPIO digital input → SLOW_ALERT0[1:0] = 01b
◦ GPIO digital output → SLOW_ALERT0[1:0] = 10b
•Pin A1:
◦ GPIO digital input → GPIO_ALERT1[1:0] = 01b
◦ GPIO digital output → GPIO_ALERT1[1:0] = 10b
The SMBUS_SETTINGS register holds input data to
read and output data to write when A0/A1 is GPIO pin:
• GPIO_DATA0 bit for pin A0
• GPIO_DATA1 bit for pin A1
Note:
GPIO_DATA0 and GPIO_DATA1 are read
when A0/A1 function as GPIO inputs and
written when A0/A1 are as GPIO outputs.
Note:
If the Adaptive Accumulator function is
enabled while PAC1721 is sampling, the
bits in the SLOW register that control
Limited Refresh/Refresh_V commands
are set to 0b by default. These bits can
be set so that Limited Refresh/Refresh_V
commands still occur. For details, see
Section 4.8.1 and Register 6-23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com