Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 36 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 36 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 32Page - Microchip Technology PAC1721 Datasheet HTML 33Page - Microchip Technology PAC1721 Datasheet HTML 34Page - Microchip Technology PAC1721 Datasheet HTML 35Page - Microchip Technology PAC1721 Datasheet HTML 36Page - Microchip Technology PAC1721 Datasheet HTML 37Page - Microchip Technology PAC1721 Datasheet HTML 38Page - Microchip Technology PAC1721 Datasheet HTML 39Page - Microchip Technology PAC1721 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
PAC1721
DS-20007088A-page 36
 2026 Microchip Technology Inc. and its subsidiaries
NEG_PWR_FSR_ACT (Address 18h) Currently active settings for
NEG_PWR_FSR register
R1
00h
SLOW_ALERT0 (Address 19h)
Assign specific alerts to A0
R/W
2
0000h
GPIO_ALERT1 (Address 1Ah)
Assign specific alerts to A1
R/W
2
0000h
ACC_FULL_LIMIT (Address 1BH)
Set Accumulator and
Accumulator Count Fullness
limits
R/W
1
01h
OC_LIMIT (Address 1CH)
Set overcurrent limit
R/W
1
00h
UC_LIMIT (Address 1DH)
Set undercurrent limit
R/W
1
00h
OP_WARNING_LIMIT (Address 1EH) Set overpower warning limit
R/W
2
0000h
OP_CRITICAL_LIMIT (Address 1FH)
Set overpower critical limit
R/W
2
0000h
OV_LIMIT (Address 20H)
Set overvoltage limit
R/W
1
00h
UV_LIMIT (Address 21H)
Set undervoltage limit
R/W
1
00h
STEP_LIMIT (Address 22H)
Set step limit
R/W
1
00h
N-SAMPLES_LIMIT (Address 23h)
Set number of consecutive
samples over set threshold to
trigger an alert
R/W
2
00h
ALERT_ENABLE (Address 24h)
Enables alerts
R/W
2
0000h
ACC_COUNT_PRESET (Address 25h) Accumulator Count Preset
R/W
2
0000h
VACC_PRESET (Address 26h)
Accumulator Preset
R/W
2
0000h
. . .
Registers 27h to FCh are not used, Note 1
. . .
PRODUCT_ID (Address FDh)
Stores the Product ID
R
1
81h
MANUFACTURER_ID (Address FEh) Stores the Manufacturer ID
R
1
54h
REVISION_ID (Address FFh)
Stores the Revision Number
R
1
04h
TABLE 6-1:
PAC1721 REGISTERS (CONTINUED)
Register Name and Address
Description
Type
Bytes
POR
Value
Note 1:
Unimplemented/reserved bits in registers can be read and written, but they do not impact any internal functionality.
2:
If the data written to a register is less than the full register size, the data is written to the register’s MSBs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com