Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 40 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 40 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 36Page - Microchip Technology PAC1721 Datasheet HTML 37Page - Microchip Technology PAC1721 Datasheet HTML 38Page - Microchip Technology PAC1721 Datasheet HTML 39Page - Microchip Technology PAC1721 Datasheet HTML 40Page - Microchip Technology PAC1721 Datasheet HTML 41Page - Microchip Technology PAC1721 Datasheet HTML 42Page - Microchip Technology PAC1721 Datasheet HTML 43Page - Microchip Technology PAC1721 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
PAC1721
DS-20007088A-page 40
 2026 Microchip Technology Inc. and its subsidiaries
bit 9:8
SLOW_ALERT0[1:0]: Selects the signals for the A0 pin, SLOW/ALERT function.
If pin A0 is configured as GPIO pin, the R/W data for the pin is stored in register SMBUS_SETTINGS.
While the A0 pin is multifunction, Microchip recommends using A0 as SLOW/ALERT pin.
00b = ALERT. Functions as ALERT0 pin.
01b = GPIO digital input. Read data from register SMBUS_SETTINGS as input to this pin. (default)
10b = GPIO digital output. Write data from this pin as output to register SMBUS_SETTINGS.
11b = SLOW. Functions as SLOW pin. Pulling the pin high overrides the programmed sample rate and
results in a sampling rate of 8 sps (Slow mode). Configuring the pin as SLOW pin takes priority
over other settings, including GPIO Triggered mode.
bit 7:5
AVERAGE[2:0]: Selects how many samples are included in rolling average.
000b = 4
001b = 8 (default)
010b = 16
011b = 32
100b = Reserved. Do not select this option.
101b = 64
110b = Reserved. Do not select this option.
111b = 128
bit 4
AA: Configures Adaptive Accumulation, which emulates a sample mode of 8,192 sps for all samples
rates when using the Slow function. The Adaptive Accumulation function works in conjunction with the
SAMPLE_MODE[3:0] bits.
For more details, see Section 4.8.1 and Section 4.8.2.
0b = Disables adaptive accumulation. The results in the accumulation register do not change when the
SLOW pin is pulled high (default).
1b = Enables adaptive accumulation. The results in the accumulation register change when the SLOW
pin is pulled high to match results obtained at 8,192 sps.
bit 3:2
ACC_CONFIG[1:0]: Configures accumulator to sum VPOWER calculations or VSENSE or VBUS samples.
00b = Accumulator sums VPOWER calculations (default)
01b = Accumulator sums VSENSE measurements
10b = Accumulator sums VBUS measurements
11b = Reserved. Do not select this option.
bit 1:0
AUTO_REFRESH[1:0]: Configures Auto-refresh. A Refresh (any) command occurs after a conversion
cycle completes. In Single-shot Average sample mode, a Refresh (any) command occurs only after the
configured number of samples are averaged (8 samples by default). This is controlled by the
AVERAGE[2:0] bits in this register.
While Auto-refresh is enabled, manual Refresh (any) commands are ignored. Disabling the feature
allows PAC1721 to execute manual Refresh (any) commands.
When Auto-refresh is enabled, functional changes are not applied. Before modifying register values,
ensure Auto-refresh is disabled. Auto-refresh can be re-enabled afterwards.
00b = Disables Auto-refresh. Requires manual Refresh (any) commands (default).
01b = Enables Auto-refresh. Resets accumulator and accumulator count.
PAC1721 executes a Limited Refresh to move VBUS, VSENSE, VPOWER, accumulator data and
accumulator count to the I2C domain.
10b = Enables Auto-refresh. Does not reset accumulator and accumulator count.
PAC1721 executes a Limited Refresh_V to move VBUS, VSENSE, VPOWER, accumulator data and
accumulator count to the I2C domain.
11b = Reserved. Do not select this option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com