Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 1 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 1 Page - Microchip Technology

  PAC1721 Datasheet HTML 1Page - Microchip Technology PAC1721 Datasheet HTML 2Page - Microchip Technology PAC1721 Datasheet HTML 3Page - Microchip Technology PAC1721 Datasheet HTML 4Page - Microchip Technology PAC1721 Datasheet HTML 5Page - Microchip Technology PAC1721 Datasheet HTML 6Page - Microchip Technology PAC1721 Datasheet HTML 7Page - Microchip Technology PAC1721 Datasheet HTML 8Page - Microchip Technology PAC1721 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 1
PAC1721
Features
• 100 µA Active Current when Sampling at 1,024 sps
• High-Side Current Monitor with a Single Channel:
◦ 100 mV Full Scale Range (FSR) for Sense Input
Voltage (VSENSE) with 12-bit Resolution
◦ Selectable Bipolar Current Sense Capability:
¤ -100 mV to + 100 mV FSR
¤ -50 mV to +50 mV Programmable FSR/2
◦ Very Low VBUS+ and Sense Pins Input Current
Simplifies Routing
• Voltage Monitor with Wide Bus Voltage Range:
◦ 9V FSR for VBUS with 12-bit Resolution
◦ Selectable Bipolar Bus Voltage (VBUS) Capability:
¤-9V to +9V FSR
¤ -4.5V to +4.5V Programmable FSR/2
• Real Time Auto-calibration of Offset Error for
Voltage and Current; No User Adjustment
• 1% Power Measurement Accuracy over a Wide
Dynamic Range
• On-chip Accumulation of 24-bit Results for Power
Measurement:
◦ 56-bit Power Accumulator Register for Recording
Accumulated Power Data
◦ 32-bit Accumulator Count Register
• User Programmable Sample Rates (ƒS) of
8, 64, 256, 1024, 4096 and 8192 sps
◦ User Programmable ƒS = 16,384 sps for VBUS or
VSENSE (only one signal at a time)
◦ Single-shot Modes using Refresh Commands or
General Purpose Input/Output (GPIO)
• SLOW Pin for Improved Low Power Mode
• 2.7V to 5.5V Supply Operation:
◦ 1.62V to 5.5V Capable I2C/SMBus and Digital I/O
◦ SMBus 3.1 and I2C Fast-mode Plus (1 MHz)
◦ I2C High-speed Mode (3.4 MHz)
• SMBus Address – 16 Options, Set by Connecting
Pins A0 or A1 to the VDD, GND, SDA or SCL Pins
• A0/A1 Pins can Function as ALERT Pins for
Specific Addresses
• No Input Filters Required
• Step Limit for Average Variation Detection
• Patent Pending Addressing Alert Scheme
• Alerts Can Be Enabled for Accumulator Overflow,
Conversion Cycle Complete and Limit Excursions
such as Overvoltage, Undercurrent or Overpower
• AEC-Q100 Qualified (Automotive Applications):
◦ Footprint Compatible with INA219, INA232 and
INA236 from Texas Instruments
• Available Packages:
◦ 3x3 mm 8-Lead VDFN with Multiple Exposed
Pads and Stepped Wettable Flanks:
¤ Footprint Compatible with 8-Lead SOT-23-8
◦ 3x3 mm 10-Lead VDFN
• 10-Lead VDFN Only Features:
◦ Hardware Controlled Power-down Mode
◦ Low-side Power Monitor
Description
PAC1721 is a single-channel power monitor with a bus
voltage monitor and current sense amplifier that feed
into a 12-bit resolution Analog-to-Digital Converter
(ADC). Designed for low-side or high-side current
sensing, its digital circuitry performs power calculations
and energy accumulation and enables the device to
monitor power with integration periods up to one year
or longer.
The device stores bus voltage (VBUS), shunt resistor
voltage (VSENSE) and accumulated proportional power
(VPOWER) data. The embedded controller or system
host can read the PAC1721 registers and retrieve the
stored data.
PAC1721 includes a configurable alert system that can
trigger alerts when the device detects voltage, current
or power excursions.
Use SMBus or I2C communication to program the alert
system and other controls, such as sample rate, power
integration period or single-shot measurement set-
tings.
PAC1721 uses real-time calibration to minimize offset
error. No input filters are required for this device. The
built-in adjustable averaging function produces very
low noise, high resolution measurement results.
The 10-Lead VDFN PAC1721 package has a VBUS+
pin that enables low-side power monitoring. This allows
additional power savings using a Power-down feature
not available for the 8-Lead VDFN package.
Single-Channel Power Monitor with Accumulator,
9V Full Scale Range


Similar Part No. - PAC1721

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
PAC1720 SMSC-PAC1720 Datasheet
772Kb / 47P
Dual High-Side Current Sense Monitor with Power Calculation
PAC1720-1-AIA-TR SMSC-PAC1720-1-AIA-TR Datasheet
772Kb / 47P
Dual High-Side Current Sense Monitor with Power Calculation
More results

Similar Description - PAC1721

ManufacturerPart #DatasheetDescription
logo
Rohm
BA534 ROHM-BA534 Datasheet
126Kb / 4P
9V/2.3W single-channel power amplifier BA534
logo
Maxim Integrated Produc...
DS2741 MAXIM-DS2741 Datasheet
176Kb / 9P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 0; 8/08
DS2741 MAXIM-DS2741_09 Datasheet
175Kb / 10P
Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
logo
Silicon Laboratories
AN329 SILABS-AN329 Datasheet
115Kb / 4P
EXTENDING THE FULL-SCALE RANGE
logo
Microchip Technology
PAC1931 MICROCHIP-PAC1931 Datasheet
1Mb / 64P
Single/Multi-Channel DC Power/Energy Monitor with Accumulator
05/14/19
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407_V01 Datasheet
480Kb / 17P
SMBus 4-Channel Wide Dynamic Range Power Accumulator
2017
MAX34417 MAXIM-MAX34417 Datasheet
1Mb / 22P
SMBus Four-Channel High Dynamic Range Power Accumulator
2018
logo
Analog Devices
MAX34427 AD-MAX34427 Datasheet
830Kb / 27P
SMBUS Dual Channel High Dynamic Range Power Accumulator
Rev 0; 5/22
logo
Microchip Technology
PAC194X MICROCHIP-PAC194X Datasheet
1Mb / 96P
Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
Revision A June 2021
logo
Analog Devices
AD45335 AD-AD45335 Datasheet
961Kb / 17P
32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com