Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 63 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 63 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 59Page - Microchip Technology PAC1721 Datasheet HTML 60Page - Microchip Technology PAC1721 Datasheet HTML 61Page - Microchip Technology PAC1721 Datasheet HTML 62Page - Microchip Technology PAC1721 Datasheet HTML 63Page - Microchip Technology PAC1721 Datasheet HTML 64Page - Microchip Technology PAC1721 Datasheet HTML 65Page - Microchip Technology PAC1721 Datasheet HTML 66Page - Microchip Technology PAC1721 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 63
PAC1721
REGISTER 6-24:
CONTROL_ACT (ADDRESS 17H)
R-0
R-0
R-1
R-0
R-0
R-1
R-0
R-1
SAMPLE_MODE[3:0]
GPIO_ALERT1[1:0]
SLOW_ALERT0[1:0]
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
AVERAGE[2:0]
AA
ACC_CONFIG[1:0]
AUTO_REFRESH[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
This register contains copy of the CONTROL register. This register reflects the settings that are currently active.
The values in the CONTROL register can be programmed, but not yet activated by a Refresh (any) command, while
the values in the CONTROL_LAT register are the settings active before receiving a Refresh (any) command.
This register allows to determine the actual active settings.
This register becomes valid when the results registers are valid following a Refresh (any) command issued after a
conversion cycle completes. However, when changing the sample rate followed by a Refresh command, the sample
rate does not change until the current conversion cycle completes. In some cases, this can cause a delay before the
conversion cycle and the CONTROL_ACT register update. This delay can be variable, depending on when in the
conversion cycle the Refresh command is executed.
bit 15:12
SAMPLE_MODE[3:0]: Selects one of the sample modes listed below. These modes are exclusive –
only one mode can be set at any given time.
One of the sample rate options is Sleep state for when no sampling occurs.
When switching sample modes during a conversion cycle, the ADC continues the current sample mode
until the conversion completes and then switches to the new sample mode. Registers CONTROL and
CONTROL_ACT update.
Switching from a Continuous sample mode to a Single-shot mode triggers an extra conversion cycle.
When using a GPIO Triggered sample mode, first configure the desired pin (A0 or A1) as an input by
setting the SLOW_ALERT0[1:0] or GPIO_ALERT1[1:0] bits to 01b.
0000b = 8,192 sps (see Section 4.8.1)
0001b = 4,096 sps
0010b = 1,024 sps (default)
0011b = 256 sps
0100b = 64 sps
0101b = 8 sps (Slow mode) (see Section 4.2.8)
0110b = Single-shot mode (see Section 4.9.1)
0111b = Single-shot Average mode
1000b = Single-shot Awake mode
1001b = Single-shot Awake Average mode
1010b = VBUS Only at 16,384 sps (see Section 4.2.9)
1011b = VSENSE Only at 16,384 sps (see Section 4.2.9)
1100b = GPIO (A0) Triggered Single-shot Awake mode, Edge (see Section 4.9.1.4)
1101b = GPIO (A1) Triggered Single-shot Awake mode, Edge (see Section 4.9.1.4)
1110b = Sleep state (see Section 4.2.6)
1111b = Sleep state (see Section 4.2.6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com