Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 11 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 7Page - Microchip Technology PAC1721 Datasheet HTML 8Page - Microchip Technology PAC1721 Datasheet HTML 9Page - Microchip Technology PAC1721 Datasheet HTML 10Page - Microchip Technology PAC1721 Datasheet HTML 11Page - Microchip Technology PAC1721 Datasheet HTML 12Page - Microchip Technology PAC1721 Datasheet HTML 13Page - Microchip Technology PAC1721 Datasheet HTML 14Page - Microchip Technology PAC1721 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 11
PAC1721
Note: Unless otherwise indicated, TA = -40°C to +125°C, VDD = 2.7V to 5.5V, VBUS = 0V to 9V, VSENSE = VSENSE+ – VSENSE– = 0V.
FIGURE 2-25: IDD in Sleep Mode vs. TA,
Multiple VDD.
FIGURE 2-26: IDD in Power-down Mode vs. TA,
Multiple VDD.
FIGURE 2-27: ISENSE- vs. TA, Common Mode,
Multiple VCM.
FIGURE 2-28: ISENSE+ vs. TA, Common Mode,
Multiple VCM.
FIGURE 2-29: VSENSE- Leakage vs. TA,
Common Mode, Multiple VCM.
FIGURE 2-30: VSENSE+ Leakage vs. TA,
Common Mode, Multiple VCM.
0
10
20
30
40
50
60
70
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
▬ V
DD = 2.6V
▬ V
DD = 2.7V
▬ V
DD = 3.3V
▬ V
DD = 5V
▬ V
DD = 5.5V
▬ V
DD = 5.6V
0
1
2
3
4
5
6
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
▬ V
DD = 2.6V
▬ V
DD = 2.7V
▬ V
DD = 3.3V
▬ V
DD = 5V
▬ V
DD = 5.5V
▬ V
DD = 5.6V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
▬ V
CM = 2.25V
▬ V
CM = 3V
▬ V
CM = 4.5V
▬ V
CM = 6.75V
▬ V
CM = 8.91V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
▬ V
CM = 2.25V
▬ V
CM = 3V
▬ V
CM = 4.5V
▬ V
CM = 6.75V
▬ V
CM = 8.91V
0
0.0025
0.005
0.0075
0.01
0.0125
0.015
0.0175
0.02
0.0225
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
▬ V
CM = 2.25V
▬ V
CM = 3V
▬ V
CM = 4.5V
▬ V
CM = 6.75V
▬ V
CM = 8.91V
0
0.0025
0.005
0.0075
0.01
0.0125
0.015
0.0175
0.02
0.0225
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
▬ V
CM = 2.25V
▬ V
CM = 3V
▬ V
CM = 4.5V
▬ V
CM = 6.75V
▬ V
CM = 8.91V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com