Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 4 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 4 Page - Microchip Technology

  PAC1721 Datasheet HTML 1Page - Microchip Technology PAC1721 Datasheet HTML 2Page - Microchip Technology PAC1721 Datasheet HTML 3Page - Microchip Technology PAC1721 Datasheet HTML 4Page - Microchip Technology PAC1721 Datasheet HTML 5Page - Microchip Technology PAC1721 Datasheet HTML 6Page - Microchip Technology PAC1721 Datasheet HTML 7Page - Microchip Technology PAC1721 Datasheet HTML 8Page - Microchip Technology PAC1721 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
PAC1721
DS-20007088A-page 4
 2026 Microchip Technology Inc. and its subsidiaries
1.2
DC Electrical Specifications
DC Electrical Characteristics: Unless otherwise indicated, all parameters apply at TA = -40°C to +125°C, VDD = 2.7V to 5.5V and
VBUS = 0V to 9V. Typical values are at TA = 25°C, VDD = 3.3V and VSENSE = VSENSE+ – VSENSE– = 0V.
Parameters
Symbol
Min.
Typical
Max.
Units
Conditions
Power Supply
Supply Voltage
VDD
2.7
—
5.5
V
Supply Active Current
IDD
—
200
—
µA
Sample Rate: ƒS = 8,192 sps
—
90
225
µA
Sample Rate: ƒS = 1,024 sps
—
6
—
µA
Sample Rate: ƒS = 8 sps
Supply Sleep Current
ISLEEP
—
3
125
µA
Supply Power-down Current
IPWRDN
——
20
µA
Minimum Supply Voltage Rise
Rate
VDD_RISE_MIN
—
0.05
—
V/ms 0V to 5V in 100 ms, Note 1
Maximum Supply Voltage Rise
Rate
VDD_RISE_MAX
—
1000
—
V/ms 0V to 5V in 5 µs, Note 1
Power-on Reset (POR) Level
(Rising)
VPOR_RISING
—1.2
—
V
Note 1
POR Rearm Delay
tPORR
—20
—
ms
Note 1
Analog Input
Bus Voltage
VBUS
–0.2
—
9
V
Common mode voltage on SENSE pins,
Referenced to GND
Sense Differential Input Voltage
VSENSE_DIF
–100
—
100
mV
Sense Pins Input Current
ISENSE+
——
2
µA
VBUS+ is connected to VSENSE+ in the 8ld
package
VSENSE+ = VSENSE– = Full Scale,
ƒS = 1,024 sps, Note 2
ISENSE–
——
1
µA
VSENSE+ = 6V, VSENSE– = 5.9V,
ƒS = 1,024 sps, Note 2
VBUS+ Pin Input Current
IBUS+
——
0.5
µA
10-Lead VDFN only, VBUS = Full Scale
Measurement Accuracy
Sense Voltage ADC Data
Resolution
VSENSE_RES
—
—
12
bits
12-bit resolution in unipolar mode,
11 bits of resolution and one sign bit in
bipolar modes
Sense Voltage LSB Step Size
VSENSE_LSB
—
24.4
—
µV
FSR = 100 mV, 12-bit resolution
Bus Voltage LSB ADC Data
Resolution
VBUS_RES_LSB
—
—
12
bits
12-bit resolution in unipolar mode,
11 bits of resolution and one sign bit in
bipolar modes
Bus Voltage LSB Step Size
VBUS_LSB
—
2.2
—
mV
FSR = 9V, 12-bit resolution
Sense Voltage Gain Accuracy
VSENSE_GAIN_ERR
–0.4
±0.2
0.4
%
TA = +25°C typical
—±1—
%
TA = -40°C to +125°C
Sense Voltage Offset Accuracy VSENSE_OFFSET_ERR
—
±25
50
µV
12-bit resolution, Referenced to input
Bus Voltage Gain Accuracy
VBUS_GAIN_ERR
–0.3
±0.02
0.3
%
TA = +25°C typical
—±0.2
—
%
TA = -40°C to +125°C
Bus Voltage Offset Accuracy
VBUS_OFFSET_ERR
—
±0.3
—
mV
12-bit resolution, Referenced to input
Note 1:
No production testing. Characterization only.
2:
All states, including leakage current and average value of capacitively coupled switching current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com