Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 75 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 75 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 71Page - Microchip Technology PAC1721 Datasheet HTML 72Page - Microchip Technology PAC1721 Datasheet HTML 73Page - Microchip Technology PAC1721 Datasheet HTML 74Page - Microchip Technology PAC1721 Datasheet HTML 75Page - Microchip Technology PAC1721 Datasheet HTML 76Page - Microchip Technology PAC1721 Datasheet HTML 77Page - Microchip Technology PAC1721 Datasheet HTML 78Page - Microchip Technology PAC1721 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 75
PAC1721
REGISTER 6-35:
STEP_LIMIT (ADDRESS 22H)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
RV[1:0]
FV[1:0]
RC[1:0]
FC[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
This register detects changes in the voltage or current average value. The value that is currently stored in the
VBUS_AVG or VSENSE_AVG register is compared to the previously stored value.
This average value is programmable.
Note 1: The STEP_LIMIT register uses VBUS_AVG and VSENSE_AVG data. These two registers use full signed
values for ADC data regardless of the settings in the NEG_PWR_FSR register. This can results in an
unexpected step limit excursion.
2: Disable alerts in the ALERT_ENABLE register before making changes to the STEP_LIMIT register to
avoid false triggers.
bit 7:6
RV[1:0]: Configure Rising Voltage limit.
When VBUS increases, the new average value is checked to determine if the voltage increase is greater
than the previous average stored in the VBUS_AVG register by a certain percent.
00b = 25% (default)
01b = 50%
10b = 75%
11b = 100%
bit 5:4
FV[1:0]: Configure Falling Voltage limit.
When VBUS decreases, the new average value is checked to determine if the voltage decrease is lesser
than the previous average stored in the VBUS_AVG register by a certain percent.
00b = 25% (default)
01b = 50%
10b = 75%
11b = 100%
bit 3:2
RC[1:0]: Configure Rising Current limit.
When VSENSE increases, the new average value is checked to determine if the voltage increase is
greater than the previous average stored in the VSENSE_AVG register by a certain percent.
00b = 25% (default)
01b = 50%
10b = 75%
11b = 100%
bit 1:0
FC[1:0]: Configure Falling Current limit.
When VSENSE decreases, the new average value is checked to determine if the voltage decrease is
lesser than the previous average stored in the VSENSE_AVG register by a certain percent.
00b = 25% (default)
01b = 50%
10b = 75%
11b = 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com