Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 12 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 8Page - Microchip Technology PAC1721 Datasheet HTML 9Page - Microchip Technology PAC1721 Datasheet HTML 10Page - Microchip Technology PAC1721 Datasheet HTML 11Page - Microchip Technology PAC1721 Datasheet HTML 12Page - Microchip Technology PAC1721 Datasheet HTML 13Page - Microchip Technology PAC1721 Datasheet HTML 14Page - Microchip Technology PAC1721 Datasheet HTML 15Page - Microchip Technology PAC1721 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
PAC1721
DS-20007088A-page 12
 2026 Microchip Technology Inc. and its subsidiaries
Note: Unless otherwise indicated, TA = -40°C to +125°C, VDD = 2.7V to 5.5V, VBUS = 0V to 9V, VSENSE = VSENSE+ – VSENSE– = 0V.
FIGURE 2-31: VBUS+ Pin Input Current vs.
Temperature, Multiple VCM.
FIGURE 2-32: VBUS+ Pin Input Current
Leakage vs. Temperature, Multiple VCM.
FIGURE 2-33: IOL vs. VOL, TA = 25°C,
VDD = 5.5V.
FIGURE 2-34: Sample Rate (ƒS) Error across
TA = -40°C to +125°C, n = 30,852 Total Samples.
FIGURE 2-35: ƒS Error across TA = 30°C,
n = 10,308 Total Samples.
FIGURE 2-36: POR Threshold vs. TA.
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
▬ V
CM = 2.25V
▬ V
CM = 3V
▬ V
CM = 4.5V
▬ V
CM = 6.75V
▬ V
CM = 8.91V
0
0.0025
0.005
0.0075
0.01
0.0125
0.015
0.0175
0.02
0.0225
0.025
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
▬ V
CM = 2.25V
▬ V
CM = 3V
▬ V
CM = 4.5V
▬ V
CM = 6.75V
▬ V
CM = 8.91V
0
5
10
15
20
25
30
35
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
SDA Output Voltage – V
OL (V)
V
DD = 5.5V
T
A = +25°C
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
ƒ
S Error across TA (%)
x = -0.06%
σ = 0.37%
0
150
300
450
600
750
900
1050
1200
1350
1500
ƒ
S Error at TA = +30°C (%)
x = 0.173%
σ = 0.309%
1.3
1.35
1.4
1.45
1.5
1.55
1.6
-50
-25
0
25
50
75
100
125
150
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com