Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 80 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 80 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 76Page - Microchip Technology PAC1721 Datasheet HTML 77Page - Microchip Technology PAC1721 Datasheet HTML 78Page - Microchip Technology PAC1721 Datasheet HTML 79Page - Microchip Technology PAC1721 Datasheet HTML 80Page - Microchip Technology PAC1721 Datasheet HTML 81Page - Microchip Technology PAC1721 Datasheet HTML 82Page - Microchip Technology PAC1721 Datasheet HTML 83Page - Microchip Technology PAC1721 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
PAC1721
DS-20007088A-page 80
 2026 Microchip Technology Inc. and its subsidiaries
REGISTER 6-38:
ACC_COUNT_PRESET (ADDRESS 25H)
REGISTER 6-39:
VACC_PRESET (ADDRESS 26H)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACC_COUNT_PRE[15:8]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACC_COUNT_PRE[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
bit 15:0
ACC_COUNT_PRE[15:0]: Configure the preset value for the ACC_COUNT register.
The default value of this register is 0h, but can be programmed to any value.
The preset value is a 16-bit number that represents the MSBs of the ACC_COUNT register.
Anytime the ACC_COUNT register is reset, PAC1721 sets its new value to the value stored in the
ACC_COUNT_PRESET register. When the ACC_COUNT register starts incrementing, it starts from
the preset value.
A Refresh or Refresh_V command is required for new preset values to take effect.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACCUM_PRE[15:8]
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACCUM_PRE[7:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
bit 15:0
ACCUM_PRE[15:0]: Configure the preset value for the VACC register.
The default value of this register is 0h, but can be programmed to any value.
The preset value is a 16-bit number that represents the MSBs of the VACC register.
Anytime the VACC register is reset, PAC1721 sets its new value to the preset value stored in the
VACC_PRESET register. When the VACC register starts incrementing, it starts from the preset value.
A Refresh or Refresh_V command is required for new preset values to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com