Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 35 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 31Page - Microchip Technology PAC1721 Datasheet HTML 32Page - Microchip Technology PAC1721 Datasheet HTML 33Page - Microchip Technology PAC1721 Datasheet HTML 34Page - Microchip Technology PAC1721 Datasheet HTML 35Page - Microchip Technology PAC1721 Datasheet HTML 36Page - Microchip Technology PAC1721 Datasheet HTML 37Page - Microchip Technology PAC1721 Datasheet HTML 38Page - Microchip Technology PAC1721 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 35
PAC1721
6.0
REGISTER DESCRIPTION
Table 6-1 presents the PAC1721 registers arranged in hexadecimal order based on their register address.
TABLE 6-1:
PAC1721 REGISTERS
Register Name and Address
Description
Type
Bytes
POR
Value
REFRESH (Address 00h)
Send Byte for Refresh
command
SEND
0
00h
CONTROL (Address 01h)
Configure sample rate, pins
A0/A1 and more
R/W
2
2520h
ACC_COUNT (Address 02h)
Accumulator count
R
4
000000h
VACC (Address 03h)
Accumulator
R
7
00000000000000h
VBUS (Address 04h)
VBUS measurement
Block Read
2
0000h
VSENSE (Address 05h)
VSENSE measurement
Block Read
2
0000h
VBUS_AVG (Address 06h)
Rolling average of most
recent VBUS measurements
Block Read
2
0000h
VSENSE_AVG (Address 07h)
Rolling average of most
recent VSENSE measurements
Block Read
2
0000h
VPOWER (Address 08h)
VPOWER calculation:
VSENSE × VBUS
Block Read
4
00000000h
VBUS_MIN (Address 09h)
Minimum value measured
on VBUS
Block Read
2
0000h
VBUS_MAX (Address 0Ah)
Maximum value measured
on VBUS
Block Read
2
0000h
VSENSE_MIN (Address 0Bh)
Minimum value measured
on VSENSE
Block Read
2
0000h
VSENSE_MAX (Address 0Ch)
Maximum value measured
on VSENSE
Block Read
2
0000h
VPOWER_MIN (Address 0Dh)
Minimum calculated value for
VPOWER
Block Read
4
00000000h
VPOWER_MAX (Address 0Eh)
Maximum calculated value
for VPOWER
Block Read
4
00000000h
CONTROL_LAT (Address 0Fh)
Latched active settings for
CONTROL register
R2
2520h
NEG_PWR_FSR_LAT (Address 10h)
Latched active settings for
NEG_PWR_FSR register
R1
00h
ALERT_STATUS (Address 11h)
Read to determine the cause
that triggered an alert
RC
2
0000h
SMBUS_SETTINGS (Address 12h)
Activate SMBus functionality,
I/O data for R/W on I/O pins
R/W
1
10h
NEG_PWR_FSR (Address 13h)
Configuration control for
bipolar current and voltage
R/W
1
00h
REFRESH_G (Address 14h)
Refresh response to General
Call Address command
SEND
0
00h
REFRESH_V (Address 15h)
Refreshes VBUS and VSENSE
data only, no accumulator or
accumulator count reset
SEND
0
00h
SLOW (Address 16h)
Status and control for SLOW
pin functions
R/W
1
00h
CONTROL_ACT (Address 17h)
Currently active settings for
CONTROL register
R2
2520h
Note 1:
Unimplemented/reserved bits in registers can be read and written, but they do not impact any internal functionality.
2:
If the data written to a register is less than the full register size, the data is written to the register’s MSBs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com