Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 50 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 50 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 46Page - Microchip Technology PAC1721 Datasheet HTML 47Page - Microchip Technology PAC1721 Datasheet HTML 48Page - Microchip Technology PAC1721 Datasheet HTML 49Page - Microchip Technology PAC1721 Datasheet HTML 50Page - Microchip Technology PAC1721 Datasheet HTML 51Page - Microchip Technology PAC1721 Datasheet HTML 52Page - Microchip Technology PAC1721 Datasheet HTML 53Page - Microchip Technology PAC1721 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
PAC1721
DS-20007088A-page 50
 2026 Microchip Technology Inc. and its subsidiaries
REGISTER 6-15:
VPOWER_MAX (ADDRESS 0EH)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VPOWER_MAX[23:16]
bit 31
bit 24
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VPOWER_MAX[15:8]
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
VPOWER_MAX[7:0]
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
–
–
–
–
–
–
–
–
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
bit 31:8
VPOWER_MAX[23:0]: This register contains the maximum calculated VPOWER value (VBUS × VSENSE).
The value is a 24-bit unsigned number, unless either VBUS or VSENSE are configured to have a bipolar
range. In that case, the value is stored using 23 bits and one sign bit (2’s complement).
The value is determined by a single data conversion and is independent of averaging or N-Samples
limits.
A Refresh command resets the register, while a Refresh_V command does not.
Note:
Power is always calculated using signed numbers for VBUS and VSENSE. However, if both
VBUS and VSENSE are measured using the default unipolar mode, power is reported as an
unsigned number. This can cause very small discrepancies between a manual comparison
of VBUS × VSENSE and the results that PAC1721 calculates and accumulates for VPOWER.
PAC1721 performs calculations using more bits than the reported results for VBUS and
VSENSE. Thus, in some cases, values stored in the VPOWER and VACC registers are more
accurate than calculations using the values stored in the VBUS and VSENSE registers.
bit 7:0
Unimplemented at this time. Always reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com