Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC1721 Datasheet(PDF) 71 Page - Microchip Technology

Part # PAC1721
Description  Single-Channel Power Monitor with Accumulator, 9V Full Scale Range
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1721 Datasheet(HTML) 71 Page - Microchip Technology

Back Button PAC1721 Datasheet HTML 67Page - Microchip Technology PAC1721 Datasheet HTML 68Page - Microchip Technology PAC1721 Datasheet HTML 69Page - Microchip Technology PAC1721 Datasheet HTML 70Page - Microchip Technology PAC1721 Datasheet HTML 71Page - Microchip Technology PAC1721 Datasheet HTML 72Page - Microchip Technology PAC1721 Datasheet HTML 73Page - Microchip Technology PAC1721 Datasheet HTML 74Page - Microchip Technology PAC1721 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
DS-20007088A-page 71
PAC1721
REGISTER 6-28:
ACC_FULL_LIMIT (ADDRESS 1BH)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
ACC_FULL[5:0]
ACC_COUNT_FULL[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
X = Bit is unknown
This register is used to set a limit for how full the VACC and ACC_COUNT registers can be before the Accumulator
Overflow and Accumulator Count Oveflow alerts are triggered.
Any changes to this register become active after a Refresh (any) command is sent.
Disable alerts in the ALERT_ENABLE register before making changes to the ACC_FULL_LIMIT register to avoid false
triggers.
bit 7:2
ACC_FULL[5:0]: These six bits are configurable to match the six MSBs of the VACC register.
An alert triggers when the six MSBs of the VACC register ≥ the 6-bit value stored in ACC_FULL_LIMIT
register.
In bipolar mode, an alert triggers if the absolute value of the VACC register is more negative or more
positive than the set limit. Setting this register to 3Fh does not generate an alert as this the maximum
value that can be stored in the VACC register.
bit 1:0
ACC_COUNT_FULL[1:0] Configure the fullness limit for the ACC_COUNT register.
00b = 100% Full
01b = 15/16 (~ 93%) Full (default)
10b = 7/8 (~ 87%) Full
11b = 3/4 (75%) Full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com