Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 106 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 106 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 102Page - STMicroelectronics M7020R Datasheet HTML 103Page - STMicroelectronics M7020R Datasheet HTML 104Page - STMicroelectronics M7020R Datasheet HTML 105Page - STMicroelectronics M7020R Datasheet HTML 106Page - STMicroelectronics M7020R Datasheet HTML 107Page - STMicroelectronics M7020R Datasheet HTML 108Page - STMicroelectronics M7020R Datasheet HTML 109Page - STMicroelectronics M7020R Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 150 page
background image
M7020R
106/150
Figure 76. Globally Winning Device in Block Number 1
Note: 1. (LHI[6:0]) stands for the boolean ’OR’ of the entire bus LHI[6:0].
2. Each bit in LHO[1:0] is the same logical signal.
3. (BHI[2:0]) stands for the boolean ’OR’ of the entire bus BHI[2:0].
4. Each bit in BHO[2:0] is the same logical signal.
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 7
Cycle 6
Cycle 8
Cycle 10
Cycle 9
CLK2X
CMDV
CMD[1:0]
CMD[2]
CE_L
WE_L
OE_L
SADR[21:0]
SSV
SSF
CMD[8:2]
PHS_L
LHO[1:0]
(2)
ALE_L
AI06304
A
B
A
B
A
B
A
B
A
B
A
B
A
B
C
D
A
B
C
D
A
B
C
D
DQ
D1
D2
D3
A3
(LHI[6:0])
(1)
BHO[2:0]
(4)
(BHI[2:0])
(3)
Search3
(This device
global winner.)
Search1
(Miss on this
device.)
Search2
(Miss on this
device.)
CFG = 10101010,
HLAT = 000, TLSZ = 10,
LRAM = 0, LDEV = 0
Search1
Search2
Search3
01
01
01
0
0
0
0
z
z
z
z
z
0
0
1
1
1
z
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com