Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 115 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 115 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 111Page - STMicroelectronics M7020R Datasheet HTML 112Page - STMicroelectronics M7020R Datasheet HTML 113Page - STMicroelectronics M7020R Datasheet HTML 114Page - STMicroelectronics M7020R Datasheet HTML 115Page - STMicroelectronics M7020R Datasheet HTML 116Page - STMicroelectronics M7020R Datasheet HTML 117Page - STMicroelectronics M7020R Datasheet HTML 118Page - STMicroelectronics M7020R Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 150 page
background image
115/150
M7020R
Table 47. Latency of SEARCH from Cycles C and D to SRAM Access Cycle, 272-bit, Up to 31
Devices
Table 48. Shift of SSF and SSV from SADR
MIXED SEARCHES
Tables Configured with Different Widths Using
an M7020R
The sample operation shown is for a single device
with CFG = 1001000. It contains three tables of
x68, x136, and x272 widths. The operation may be
generalized to a block of 8–31 devices using four
blocks; the timing and the pipeline operation is the
same as described previously for fixed searches
on a table of one-width-size.
Figure 85, page 116 shows three sequential
searches:
– a 68-bit search on the table configured as x68;
– a 136-bit search on a table configured as x136;
and
– a 272-bit search on the table configured as x272
bits that each results in a hit.
Note: The DQ[67:66] will be '00' in both of the Cy-
cles A and B of the x68-bit search (Search1).
DQ[67:66] is '01' in both of the Cycles A and B of
the x136-bit search (Search2). DQ[67:66] is '10' in
all of the Cycles A, B, C, and D of the x272-bit
search (Search 3). By having table designation
bits, the M7020R enables the creation of many ta-
bles in a bank of search engines of different
widths.
Figure 86, page 117 shows the sample table. Two
bits in each 68-bit entry will need to designated as
the Table Number Bits. One example choice can
be the '00' values for the table configured as x68,
'01' values for tables configured as x136, and '10'
values for tables configured as x272. For the
above explanation, it is further assumed that bits
[67:66] for each entry will be designed as these
Table Designation Bits.
# of devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
8K x 272-bit
4
2–8 (TLSZ = 01)
64K x 272-bit
5
9–31 (TLSZ = 10)
248K x 272-bit
6
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com