Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 44 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 44 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 40Page - STMicroelectronics S2-LPS Datasheet HTML 41Page - STMicroelectronics S2-LPS Datasheet HTML 42Page - STMicroelectronics S2-LPS Datasheet HTML 43Page - STMicroelectronics S2-LPS Datasheet HTML 44Page - STMicroelectronics S2-LPS Datasheet HTML 45Page - STMicroelectronics S2-LPS Datasheet HTML 46Page - STMicroelectronics S2-LPS Datasheet HTML 47Page - STMicroelectronics S2-LPS Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
Bit
Events group
Interrupt event
7
Packet oriented
TX FIFO almost full
8
TX FIFO almost empty
9
RX FIFO almost full
10
RX FIFO almost empty
11
Max. number of back-off during CCA
12
Signal quality related
Valid preamble detected
13
Sync word detected
14
RSSI above threshold (CS)
15
Device status related
Wake-up timeout in LDCR mode (1)
16
READY (2)
17
STANDBY state switching in progress
18
Low battery level
19
Power-on reset
28
Timer related
RX timer timeout
29
Sniff timer timeout
1. The interrupt flag n.15 is set (and consequently the interrupt request) only when the XO clock is available for the state
machine. This time may be delayed compared to the actual timer expiration. However, the real time event can be sensed
putting the end-of-counting signal on a GPIO output.
2. The interrupt flag n.16 is set each time the S2-LPS goes to READY state and the XO has completed its setting transient (XO
ready condition detected).
All interrupts are reported on a set of interrupt status registers and are individually maskable. The interrupt status
register must be cleared upon a read event from the MCU.
The status of all the interrupts are reported in the IRQ_STATUS register: bits are high for the events that have
generated any interrupts. The interrupts are individually maskable using the IRQ_MASK registers: if the mask bit
related to a particular event is programmed at 0, that event does not generate any interrupt request.
7.3
GPIOs
The four GPIOs can be configured as follows:
Table 48. GPIO digital output functions
I/O selection
Output signal
0
nIRQ (interrupt request, active low)
1
POR inverted (active low)
2
Wake-up timer expiration: ‘1’ when WUT has expired
3
Low battery detection: ‘1’ when battery is below threshold setting
4
TX data internal clock output (TX data are sampled on the rising edge of it)
5
TX state outputs a command information coming from the RADIO_TX block
6
TX/RX FIFO almost empty flag
7
TX/RX FIFO almost full flag
8
RX data output
9
RX clock output (recovered from received data)
10
RX state indication: ‘1’ when the S2-LPS is transiting in the RX state
S2-LPS
GPIOs
DS13831 - Rev 1
page 44/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com