Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 23 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 23 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 19Page - STMicroelectronics S2-LPS Datasheet HTML 20Page - STMicroelectronics S2-LPS Datasheet HTML 21Page - STMicroelectronics S2-LPS Datasheet HTML 22Page - STMicroelectronics S2-LPS Datasheet HTML 23Page - STMicroelectronics S2-LPS Datasheet HTML 24Page - STMicroelectronics S2-LPS Datasheet HTML 25Page - STMicroelectronics S2-LPS Datasheet HTML 26Page - STMicroelectronics S2-LPS Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
Table 34. Constellation mapping 2-(G)FSK
Format
Symbol
CONST_MAP coding
0
1
2
3
2-(G)FSK
0
-FDEV
NA
+FDEV
NA
1
+FDEV
NA
-FDEV
NA
Table 35. Constellation mapping 4-(G)FSK
Format
Symbol
CONST_MAP coding
0
1
2
3
4-(G)FSK
00
-FDEV/3
-FDEV
+FDEV/3
+FDEV
01
-FDEV
-FDEV/3
+FDEV
+FDEV/3
10
+FDEV/3
+FDEV
-FDEV/3
-FDEV
11
+FDEV
+FDEV/3
-FDEV
-FDEV/3
Furthermore, in the 4-(G)FSK it is also possible to swap the symbols using the 4FSK_SYM_SWAP field (register
PCKTCTRL3) as follows:
(10)
When 4FSK_SYM_SWAP = 0: S0 = <b7b6>
S1 = <b5b4>
S2 = <b3b2>
S3 = <b1b0>
When 4FSK_SYM_SWAP = 1 S0 = <b6b7>
S1 = <b4b5>
S2 = <b2b3>
S3 = <b0b1>
4.4.1.1
Gaussian shaping
In 2-GFSK or 4-GFSK mode, the Gaussian filter BT product can be set by using the register BT_SEL to 1 or 0.5.
The Gaussian filtering is implemented by poly-phase filtering with eight taps per symbol time. In order to further
smooth the filter shape and improve spectral shaping, the output of the filter can be linearly interpolated by setting
the register MOD_INTERP_EN.
A mathematical interpolation factor is applied at each sample of the Gaussian filter output. This factor is 64
for data rates corresponding to DATA_RATE_E < 5, it is automatically scaled as
64
2DATA_RATE_E−5for5≤
DATA_RATE_E < 11 and it is automatically disabled for DATA_RATE_E = 11.
Note:
The actual interpolation factor achieved may be limited by the minimal frequency resolution of the frequency
synthesizer.
4.4.1.2
ISI cancellation 4-(G)FSK
Since the 4-(G)FSK modulation format strongly suffers from the effect of inter symbol interference, an ISI
cancellation equalizer has been introduced in the demodulator. An equalizer can be enabled, by using the
EQU_CTRL register, with two modes: single pass equalization and dual pass equalization. The best performance
is normally achieved using the dual pass equalizer.
4.4.2
Amplitude modulation
Amplitude modulation OOK and ASK are both supported by the S2-LPS. The ASK selection depends on power
ramping enable.
When OOK is selected, a bit '1' is transmitted with a programmed power, set by register
PA_POWER[PA_LEVEL_MAX_INDEX], and a bit '0' is transmitted without output power (PA off) and specified
by the register PA_POWER[0].
S2-LPS
Digital modulator
DS13831 - Rev 1
page 23/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com