Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 50 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 50 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 46Page - STMicroelectronics S2-LPS Datasheet HTML 47Page - STMicroelectronics S2-LPS Datasheet HTML 48Page - STMicroelectronics S2-LPS Datasheet HTML 49Page - STMicroelectronics S2-LPS Datasheet HTML 50Page - STMicroelectronics S2-LPS Datasheet HTML 51Page - STMicroelectronics S2-LPS Datasheet HTML 52Page - STMicroelectronics S2-LPS Datasheet HTML 53Page - STMicroelectronics S2-LPS Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
AGCCTRL4
1A
54
3:0
LOW_THRESHOLD_1
Low threshold 1 for
the AGC
AGCCTRL3
1B
10
7:0
LOW_THRESHOLD_
SEL
Low threshold
selection (defined
in the AGCCTRL4).
Bitmask for each
attenuation step.
AGCCTRL2
1C
22
7:6
RESERVED
-
5
FREEZE_ON_SYNC
Enable the AGC
algorithm to be frozen
on SYNC
4
RESERVED
-
3:0
MEAS_TIME
AGC measurement
time
AGCCTRL1
1D
59
7:4
HIGH_THRESHOLD
High threshold for the
AGC
3:0
RESERVED
-
AGCCTRL0
1E
8C
7
AGC_ENABLE
0: disabled
1: enabled
6
RESERVED
-
5:0
HOLD_TIME
Hold time for after
gain adjustment for
the AGC.
ANT_SELECT_CONF
1F
45
7
RESERVED
-
6:5
EQU_CTRL
ISI cancellation
equalizer:
•
00b:
equalization
disabled
•
01b: single pass
equalization
•
10b: dual pass
equalization.
(see
Section 4.4.1.2 ISI
cancellation 4-
(G)FSK)
4
CS_BLANKING
Do not fill the RX FIFO
with data if the CS is
above threshold (see
Section 4.4.5.9 CS
blanking).
3
AS_ENABLE
1: enable the antenna
switching (see
Section 4.4.5.10 Ante
nna switching).
2:0
AS_MEAS_TIME
Set the measurement
time.
CLOCKREC2
20
C0
7:5
CLK_REC_P_GAIN_S
LOW
Clock recovery slow
loop gain (log2).
4
CLK_REC_ALGO_SE
L
Select the symbol
timing recovery
algorithm:
•
0: DLL
S2-LPS
Register contents
DS13831 - Rev 1
page 50/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com