Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2-LPS Datasheet(PDF) 51 Page - STMicroelectronics

Part # S2-LPS
Description  Ultra-low power, high performance, sub-1 GHz transceiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPS Datasheet(HTML) 51 Page - STMicroelectronics

Back Button S2-LPS Datasheet HTML 47Page - STMicroelectronics S2-LPS Datasheet HTML 48Page - STMicroelectronics S2-LPS Datasheet HTML 49Page - STMicroelectronics S2-LPS Datasheet HTML 50Page - STMicroelectronics S2-LPS Datasheet HTML 51Page - STMicroelectronics S2-LPS Datasheet HTML 52Page - STMicroelectronics S2-LPS Datasheet HTML 53Page - STMicroelectronics S2-LPS Datasheet HTML 54Page - STMicroelectronics S2-LPS Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 73 page
background image
Name
Addr
Default
Bit
Field name
Description
CLOCKREC2
20
C0
•
1: PLL.
3:0
CLK_REC_I_GAIN_S
LOW
Set the integral slow
gain for symbol timing
recovery (PLL mode
only).
CLOCKREC1
21
58
7:5
CLK_REC_P_GAIN_F
AST
Clock recovery fast
loop gain (log2).
4
PSTFLT_LEN
Select the post filter
length:
•
0: 8 symbols
•
1: 16 symbols.
3:0
CLK_REC_I_GAIN_F
AST
Set the integral fast
gain for symbol timing
recovery (PLL mode
only).
PCKTCTRL6
2B
80
7:2
SYNC_LEN
The number of bits
used for the SYNC
field in the packet.
1:0
PREAMBLE_LEN[9:8]
The MSB of the
number of '01 or '10'
of the preamble of the
packet.
PCKTCTRL5
2C
10
7:0
PREAMBLE_LEN[7:0]
The LSB of the
number of '01 or '10'
of the preamble of the
packet.
PCKTCTRL4
2D
00
7
LEN_WID
The number of bytes
used for the length
field:
•
0: 1 byte
•
1: 2 bytes.
6:4
RESERVED
-
3
ADDRESS_LEN
1: include the
ADDRESS field in the
packet.
2:0
RESERVED
-
PCKTCTRL3
2E
20
7:6
PCKT_FRMT
Format of packet:
•
0: Basic
•
1: 802.15.4g
•
2: UART OTA
•
3: Stack
(see
Section 6 Packet
handler engine)
5:4
RX_MODE
RX mode:
•
0: normal mode
•
1: direct through
FIFO
•
2: direct through
GPIO
3
FSK4_SYM_SWAP
Reserved
S2-LPS
Register contents
DS13831 - Rev 1
page 51/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com